Electronic Components Datasheet Search
  English  ▼

X  

M41T93 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T93 Datasheet HTML 1Page - STMicroelectronics M41T93 Datasheet HTML 2Page - STMicroelectronics M41T93 Datasheet HTML 3Page - STMicroelectronics M41T93 Datasheet HTML 4Page - STMicroelectronics M41T93 Datasheet HTML 5Page - STMicroelectronics M41T93 Datasheet HTML 6Page - STMicroelectronics M41T93 Datasheet HTML 7Page - STMicroelectronics M41T93 Datasheet HTML 8Page - STMicroelectronics M41T93 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
This is information on a product in full production.
November 2013
DocID12615 Rev 8
1/56
M41T93
Serial SPI bus real-time clock (RTC) with battery switchover
Datasheet
- production data
Features
 Ultra-low battery supply current of 365 nA
 Factory calibrated accuracy
±5 ppm typical
after 2 reflows (SOX18) (much better
accuracies are achievable using built-in
programmable analog and digital calibration
circuits)
 2.0 V to 5.5 V clock operating voltage
 Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
 Automatic switchover and reset output circuitry
(fixed reference):
M41T93S: VCC = 3.0 V to 5.5 V;
M41T93R: VCC = 2.7 V to 5.5 V;
M41T93Z: VCC = 2.38 V to 5.50 V
 Compatible with SPI bus serial interface
(supports SPI mode 0 [CPOL = 0, CPHA = 0])
 Programmable alarm with interrupt function
(valid even during battery backup mode)
 Optional 2nd programmable alarm available
 Square wave output (defaults to 32 KHz on
power-up)
 RESET (RST) output
 Watchdog timer
 Programmable 8-bit counter/timer
 7 bytes of battery-backed user SRAM
 Battery low flag
 Low operating current of 80 μA
 Oscillator stop detection
 Battery or supercapacitor backup
 Operating temperature of –40 °C to +85 °C
 Package options include a 16-lead QFN and an
18-lead embedded crystal SOIC
SOX18, 11.61 x 7.62 mm
QFN16, 4 mm x 4 mm
(embedded crystal)
1
18
www.st.com


Similar Part No. - M41T93

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
Serial SPI bus RTC with battery switchover
07-Aug-2006
M41T93 STMICROELECTRONICS-M41T93 Datasheet
382Kb / 51P
Serial SPI bus RTC with battery switchover
22-Oct-2007
M41T93 STMICROELECTRONICS-M41T93 Datasheet
446Kb / 51P
Serial SPI bus RTC with battery switchover
15-Aug-2008
M41T93RMY6E STMICROELECTRONICS-M41T93RMY6E Datasheet
416Kb / 49P
Serial SPI bus RTC with battery switchover
07-Aug-2006
M41T93RMY6E STMICROELECTRONICS-M41T93RMY6E Datasheet
446Kb / 51P
Serial SPI bus RTC with battery switchover
15-Aug-2008
More results

Similar Description - M41T93

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
Serial SPI bus RTC with battery switchover
07-Aug-2006
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
Serial SPI bus RTC with battery switchover
22-Oct-2007
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
Serial I2C bus RTC with battery switchover
17-Apr-2008
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
Serial SPI bus RTC with battery switchover
15-Aug-2008
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
Serial I2C bus real-time clock (RTC) with battery switchover
26-Oct-2012
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
Serial SPI bus real-time clock with battery switchover
12-Oct-2011
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com