Electronic Components Datasheet Search
  English  ▼

X  

M74HC365 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC365
Description  Hex bus buffer with 3-state outputs (non-inverting)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC365 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC365 Datasheet HTML 1Page - STMicroelectronics M74HC365 Datasheet HTML 2Page - STMicroelectronics M74HC365 Datasheet HTML 3Page - STMicroelectronics M74HC365 Datasheet HTML 4Page - STMicroelectronics M74HC365 Datasheet HTML 5Page - STMicroelectronics M74HC365 Datasheet HTML 6Page - STMicroelectronics M74HC365 Datasheet HTML 7Page - STMicroelectronics M74HC365 Datasheet HTML 8Page - STMicroelectronics M74HC365 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
January 2014
DocID1948 Rev 3
1/14
M74HC365
Hex bus buffer with 3-state outputs (non-inverting)
Datasheet
- production data
Features
• High-speed:
tPD = 10 ns (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 4 μA (max.) at TA = 25 °C
• High noise immunity:
VNIH = VNIL = 28 % VCC (min)
• Symmetrical output impedance:
|IOH| = IOL = 6 mA (min.)
• Balanced propagation delays:
tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr) = 2 V to 6 V
• Pin and function compatible with 74 series 365
• ESD performance
–HBM: 2 kV
– MM: 200 V
–CDM: 1 kV
Description
The M74HC365 is an advanced high-speed
CMOS hex bus buffer (3-state) fabricated with
silicon gate C2MOS technology.
All six buffers are controlled by the combination of
two enable inputs (G1 and G2). All outputs of
these buffers are enabled only when both G1 and
G2 inputs are held low. Under all other conditions
these outputs are disabled in a high-impedance
state.
The M74HC365 has non-inverting outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
SO16
TSSOP16
Table 1. Device summary
Order code
Temp. range
Package
Packing
Marking
M74HC365RM13TR
-55 °C to 125 °C
S016
Tape and reel
74HC365
M74HC365YRM13TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
-40 °C to 125 °C
SO16 (automotive grade)
74HC365Y
M74HC365TTR
-55 °C to 125 °C
TSSOP16
HC365
M74HC365YTTR(1)
-40 °C to 125 °C
TSSOP16 (automotive grade)
HC365Y
www.st.com


Similar Part No. - M74HC365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC365 STMICROELECTRONICS-M74HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M74HC365 STMICROELECTRONICS-M74HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M74HC365 STMICROELECTRONICS-M74HC365 Datasheet
241Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
Jul-2001
M74HC365B1R STMICROELECTRONICS-M74HC365B1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M74HC365B1R STMICROELECTRONICS-M74HC365B1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
More results

Similar Description - M74HC365

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
Oct-1992
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
229Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
03-May-2004
M74HCT367 STMICROELECTRONICS-M74HCT367 Datasheet
203Kb / 9P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Sep-2001
M74HC365 STMICROELECTRONICS-M74HC365_01 Datasheet
241Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
Jul-2001
M74HC366 STMICROELECTRONICS-M74HC366_01 Datasheet
246Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
Jul-2001
M74HC367 STMICROELECTRONICS-M74HC367 Datasheet
242Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com