Electronic Components Datasheet Search
  English  ▼

X  

M74HC365 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC365
Description  Hex bus buffer with 3-state outputs (non-inverting)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC365 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC365 Datasheet HTML 1Page - STMicroelectronics M74HC365 Datasheet HTML 2Page - STMicroelectronics M74HC365 Datasheet HTML 3Page - STMicroelectronics M74HC365 Datasheet HTML 4Page - STMicroelectronics M74HC365 Datasheet HTML 5Page - STMicroelectronics M74HC365 Datasheet HTML 6Page - STMicroelectronics M74HC365 Datasheet HTML 7Page - STMicroelectronics M74HC365 Datasheet HTML 8Page - STMicroelectronics M74HC365 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID1948 Rev 3
3/14
M74HC365
Pin information
14
1
Pin information
Figure 1. Pin connection and IED logic symbols
Table 2. Pin description
Pin no
Symbol
Name and function
1, 15
G1, G2
Output enable inputs
2, 4, 6, 10, 12, 14
1A to 6A
Data inputs
3, 5, 7, 9, 11, 13
1Y to 6Y
Data outputs
8
GND
Ground (0 V)
16
VCC
Positive supply voltage
GAMS1212131642CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com