Electronic Components Datasheet Search
  English  ▼

X  

LP2998 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP2998
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2998 Datasheet HTML 11Page - Texas Instruments LP2998 Datasheet HTML 12Page - Texas Instruments LP2998 Datasheet HTML 13Page - Texas Instruments LP2998 Datasheet HTML 14Page - Texas Instruments LP2998 Datasheet HTML 15Page - Texas Instruments LP2998 Datasheet HTML 16Page - Texas Instruments LP2998 Datasheet HTML 17Page - Texas Instruments LP2998 Datasheet HTML 18Page - Texas Instruments LP2998 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 0.75V
VSENSE
GND
+
+
+
VDDQ = 1.5V
AVIN = 2.2V to 5.5V
VTT = 0.75V
SD
SD
PVIN = 1.5V
CIN
COUT
CREF
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 0.75V
VSENSE
GND
472F
+
+
+
VDDQ = 1.5V
VDD = 2.5V
VTT = 0.75V
2202F
SD
SD
0.012F
LP2998, LP2998-Q1
www.ti.com
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
Application Information (continued)
PVTT = VVTT x ILOAD (Sinking) or
(6)
PVTT = ( VPVIN - VVTT) x ILOAD (Sourcing)
(7)
The power dissipation of the LP2998 can also be calculated during the shutdown state. During this condition the
output VTT will tri-state, therefore that term in the power equation will disappear as it cannot sink or source any
current (leakage is negligible). The only losses during shutdown will be the reduced quiescent current at AVIN
and the constant impedance that is seen at the VDDQ pin.
PD = PAVIN + PVDDQ
(8)
PAVIN = IAVIN x VAVIN
(9)
PVDDQ = VVDDQ * IVDDQ = VVDDQ2 x RVDDQ
(10)
9.2 Typical Application
Several different application circuits are shown below to illustrate some of the options that are possible in
configuring the LP2998. Graphs of the individual circuit performance can be found in the Typical Characteristics
section. These curves illustrate how the maximum output current is affected by changes in AVIN and PVIN.
Figure 19. Typical Application Circuit
9.2.1 DDR-III Applications
With the separate VDDQ pin and an internal resistor divider it is possible to use the LP2998 in applications
utilizing DDR-III memory. The output stage is connected to the 1.5 V rail and the AVIN pin can be connected to a
2.2 V to 5.5 V rail.
Figure 20. Recommended DDR-III Termination
If it is not desirable to use the 1.5 V - 2.5 V rail it is possible to connect the output stage to a 3.3 V rail. Care
should be taken to not exceed the maximum junction temperature as the thermal dissipation increases with lower
VTT output voltages. For this reason it is not recommended to power PVIN off a rail higher than the nominal 3.3
V. The advantage of this configuration is that it has the ability to source and sink a higher maximum continuous
current.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2998 LP2998-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com