Electronic Components Datasheet Search
  English  ▼

X  

LP2998 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2998
Description  LP2998/LP2998-Q1 DDR Termination Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2998 Datasheet(HTML) 1 Page - Texas Instruments

  LP2998 Datasheet HTML 1Page - Texas Instruments LP2998 Datasheet HTML 2Page - Texas Instruments LP2998 Datasheet HTML 3Page - Texas Instruments LP2998 Datasheet HTML 4Page - Texas Instruments LP2998 Datasheet HTML 5Page - Texas Instruments LP2998 Datasheet HTML 6Page - Texas Instruments LP2998 Datasheet HTML 7Page - Texas Instruments LP2998 Datasheet HTML 8Page - Texas Instruments LP2998 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 0.75V
VSENSE
GND
+
+
+
VDDQ = 1.5V
VDD = 2.5V
VTT = 0.75V
SD
SD
CIN
COUT
CREF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP2998, LP2998-Q1
SNVS521K – DECEMBER 2007 – REVISED AUGUST 2014
LP2998/LP2998-Q1 DDR Termination Regulator
1 Features
3 Description
The LP2998 linear regulator is designed to meet
1
•
AEC-Q100 Test Guidance with the following
JEDEC SSTL-2 and JEDEC SSTL-18 specifications
results (SO PowerPAD-8):
for termination of DDR-SDRAM and DDR2 memory.
–
Device HBM ESD Classification Level H1C
The device also supports DDR3 and DDR3L VTT bus
–
Junction Temperature Range –40°C to 125°C
termination with VDDQ min of 1.35 V. The device
contains a high-speed operational amplifier to provide
•
1.35 V Minimum VDDQ
excellent response to load transients. The output
•
Source and Sink Current
stage prevents shoot through while delivering 1.5 A
•
Low Output Voltage Offset
continuous current and transient peaks up to 3 A in
the
application
as
required
for
DDR-SDRAM
•
No External Resistors Required
termination.
The
LP2998
also
incorporates
a
•
Linear Topology
VSENSE pin to provide superior load regulation and
•
Suspend to Ram (STR) Functionality
a VREF output as a reference for the chipset and
DIMMs.
•
Low External Component Count
•
Thermal Shutdown
An additional feature found on the LP2998 is an
active low shutdown (SD) pin that provides Suspend
2 Applications
To RAM (STR) functionality. When SD is pulled low
the
VTT output will tri-state providing a high
•
DDR1, DDR2, DDR3, and DDR3L Termination
impedance output, but, VREF will remain active. A
Voltage
power savings advantage can be obtained in this
•
Automotive Infotainment
mode through lower quiescent current.
•
FPGA
Device Information(1)
•
Industrial/Medical PC
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
SSTL-18, SSTL-2, and SSTL-3 Termination
LP2998
SO PowerPAD™ (8) 4.89 mm x 3.90 mm
•
HSTL Termination
LP2998
SOIC (8)
4.90 mm x 3.91 mm
LP2998-Q1
SO PowerPAD™ (8) 4.89 mm x 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2998

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Texas Instruments
LP2998 TI-LP2998 Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
LP2998-Q1 TI1-LP2998-Q1 Datasheet
2Mb / 33P
DDR Termination Regulator
LP2998MA TI-LP2998MA Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
More results

Similar Description - LP2998

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com