Electronic Components Datasheet Search
  English  ▼

X  

LP3871 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3871
Description  LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3871 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3871 Datasheet HTML 5Page - Texas Instruments LP3871 Datasheet HTML 6Page - Texas Instruments LP3871 Datasheet HTML 7Page - Texas Instruments LP3871 Datasheet HTML 8Page - Texas Instruments LP3871 Datasheet HTML 9Page - Texas Instruments LP3871 Datasheet HTML 10Page - Texas Instruments LP3871 Datasheet HTML 11Page - Texas Instruments LP3871 Datasheet HTML 12Page - Texas Instruments LP3871 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LP3871, LP3874
www.ti.com
SNVS225H – FEBRUARY 2003 – REVISED JUNE 2015
Feature Description (continued)
7.3.2 Short-Circuit Protection
The LP3871and LP3874 devices are short-circuit protected and, in the event of a peak overcurrent condition, the
short-circuit control loop will rapidly drive the output PMOS pass element off. Once the power pass element shuts
down, the control loop will rapidly cycle the output on and off until the average power dissipation causes the
thermal shutdown circuit to respond to servo the on/off cycling to a lower frequency.
7.3.3 Low Dropout Voltage
The LP3871 and LP3874 devices feature an ultra-low-dropout voltage, typically 24 mV at 80-mA load current and
240 mV at 0.8-A load current.
The dropout voltage of a regulator is defined as the minimum input-to-output differential required to stay within
2% of the nominal output voltage. For CMOS LDOs, the dropout voltage is the product of the load current and
the Rds(on) of the internal MOSFET.
7.3.4 SENSE Pin
In applications where the regulator output is not very close to the load, LP3874 can provide better remote load
regulation using the SENSE pin. Figure 9 depicts the advantage of the SENSE option. LP3871 regulates the
voltage at the OUT pin. Hence, the voltage at the remote load will be the regulator output voltage minus the drop
across the trace resistance. For example, in the case of a 3.3-V output, if the trace resistance is 100 m
Ω, the
voltage at the remote load will be 3.22 V with 0.8 A of load current, ILOAD. The LP3874 regulates the voltage at
the SENSE pin. Connecting the SENSE pin to the remote load will provide regulation at the remote load, as
shown in Figure 9. If the SENSE option pin is not required, the SENSE pin must be connected to the OUT pin.
Figure 9. Improving Remote Load Regulation using LP3874
7.4 Device Functional Modes
7.4.1 Shutdown Mode
A CMOS logic low level signal at the shutdown (SD) pin will turn off the regulator. The SD pin must be actively
terminated through a 10-k
Ω pullup resistor for a proper operation. If this pin is driven from a source that actively
pulls high and low (such as a CMOS rail-to-rail comparator), the pullup resistor is not required. This pin must be
tied to VIN if not used.
7.4.2 Active Mode
When voltage at SD pin of the LP3871 and LP3874 devices is at logic high level, the device is in normal mode of
operation.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3871 LP3874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com