Electronic Components Datasheet Search
  English  ▼

X  

S-818 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-818 Datasheet HTML 1Page - Seiko Instruments Inc S-818 Datasheet HTML 2Page - Seiko Instruments Inc S-818 Datasheet HTML 3Page - Seiko Instruments Inc S-818 Datasheet HTML 4Page - Seiko Instruments Inc S-818 Datasheet HTML 5Page - Seiko Instruments Inc S-818 Datasheet HTML 6Page - Seiko Instruments Inc S-818 Datasheet HTML 7Page - Seiko Instruments Inc S-818 Datasheet HTML 8Page - Seiko Instruments Inc S-818 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Rev.2.1_00
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 Series
Seiko Instruments Inc.
1
The S-818 Series is a positive voltage regulator
developed by CMOS technology and featured by low
dropout voltage, high output voltage accuracy and low
current consumption.
Built-in low on-resistance transistor provides low
dropout voltage and large output current. A ceramic
capacitor of 2
µF or more can be used as an output
capacitor. A shutdown circuit ensures long battery life.
The SOT-23-5 miniaturized package and the SOT-89-5
package are recommended for configuring portable
devices and large output current applications,
respectively.
Features
• Low current consumption:
At operation mode: Typ. 30
µA, Max. 40 µA
At shutdown mode: Typ. 100 nA, Max. 500 nA
• Output voltage:
2.0 to 6.0 V, selectable in 0.1 V steps.
• High accuracy output voltage: ±2.0%
• Peak output current:
200 mA capable (3.0 V output product, VIN=4 V)
*1
300 mA capable (5.0 V output product, VIN=6 V)
*1
• Low dropout voltage:
Typ. 170 mV (5.0 V output product, IOUT=60 mA)
• A ceramic capacitor (2 µF or more) can be used as an output capacitor.
• Built-in shutdown circuit
• Small package:
SOT-23-5, SOT-89-5
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power source for battery-powered devices, personal communication devices and home electric/electronic
appliances
Packages
Package Name
Drawing Code
Package
Tape
Reel
SOT-23-5
MP005-A
MP005-A
MP005-A
SOT-89-5
UP005-A
UP005-A
UP005-A


Similar Part No. - S-818

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-818 SII-S-818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-818A20AMC-BGA-T2 SII-S-818A20AMC-BGA-T2 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818A20AMC-BGAT2X ABLIC-S-818A20AMC-BGAT2X Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-818A20AUC-BGA-T2 SII-S-818A20AUC-BGA-T2 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-818

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2128 GTM-GSC2128 Datasheet
577Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com