Electronic Components Datasheet Search
  English  ▼

X  

S-818 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-818 Datasheet HTML 9Page - Seiko Instruments Inc S-818 Datasheet HTML 10Page - Seiko Instruments Inc S-818 Datasheet HTML 11Page - Seiko Instruments Inc S-818 Datasheet HTML 12Page - Seiko Instruments Inc S-818 Datasheet HTML 13Page - Seiko Instruments Inc S-818 Datasheet HTML 14Page - Seiko Instruments Inc S-818 Datasheet HTML 15Page - Seiko Instruments Inc S-818 Datasheet HTML 16Page - Seiko Instruments Inc S-818 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-818 Series
Seiko Instruments Inc.
13
3. ON/OFF pin (Shutdown pin)
This pin activates and inactivates the regulator.
When the ON/OFF pin is switched to the shutdown level, the operation of all internal circuit stops, the
built-in Pch MOS FET output transistor between VIN and VOUT pin is switched off, suppressing current
consumption. The VOUT pin goes to the Vss level due to internal divided resistance of several M
Ω
between VOUT pin and VSS pin.
The structure of the ON/OFF pin is shown in Figure 13. Since the ON/OFF pin is neither pulled down nor
pulled up internally, do not keep it in the floating state. Current consumption increases if a voltage of
0.3 V to VIN
−0.3 V is applied to the ON/OFF pin. When the shutdown pin is not used, connect it to the VIN
pin for product type "A" and to the VSS pin for product type "B".
Table 6 ON/OFF pin function by product type
Product type
ON/OFF pin
Internal circuit
VOUT pin voltage
Current consumption
A
“H”: Power on
Operating
Set value
Iss1
A
“L”: Shutdown
Stop
VSS level
Iss2
B
“H”: Shutdown
Stop
VSS level
Iss2
B
“L”: Power on
Operating
Set value
Iss1
ON/OFF
VIN
VSS
Figure 13 The structure of the ON/OFF Pin
Selection of Output Capacitor (CL)
The S-818 Series needs an output capacitor between VOUT pin and VSS pin for phase compensation. A
small ceramic or an OS electrolyte capacitor of 2
µF or more can be used. When a tantalum or an
aluminum electrolyte capacitor is used, the capacitance must be 2
µF or more and the ESR must be 10 Ω
or less.
Attention should be paid not to cause an oscillation due to increase of ESR at low temperatures when an
aluminum electrolyte capacitor is used.
Evaluate the performance including temperature characteristics before prototyping the circuit.
Overshoot and undershoot characteristics differ depending upon the type of the output capacitor. Refer
to the “CL dependence” data in “ Transient Response Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com