Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 4 Page - Texas Instruments

Part # LSF0204
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204 Datasheet(HTML) 4 Page - Texas Instruments

  LSF0204 Datasheet HTML 1Page - Texas Instruments LSF0204 Datasheet HTML 2Page - Texas Instruments LSF0204 Datasheet HTML 3Page - Texas Instruments LSF0204 Datasheet HTML 4Page - Texas Instruments LSF0204 Datasheet HTML 5Page - Texas Instruments LSF0204 Datasheet HTML 6Page - Texas Instruments LSF0204 Datasheet HTML 7Page - Texas Instruments LSF0204 Datasheet HTML 8Page - Texas Instruments LSF0204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
5 Description (continued)
The supply voltage (Vpu#) for each channel may be individually set up with a pull up resistor. For example, CH1
may be used in up-translation mode (1.2 V ↔ 3.3 V) and CH2 in down-translation mode (2.5 V ↔ 1.8 V).
When EN is HIGH, the translator switch is on, and the An I/O is connected to the Bn I/O, respectively, allowing
bidirectional data flow between ports. When EN is LOW, the translator switch is off, and a high-impedance state
exists between ports. The EN input circuit is designed to be supplied by Vref_A. EN must be LOW to ensure the
high-impedance state during power-up or power-down.
Device Comparison Table
PART
NUMBER
EN
An
Bn
DESCRIPTION
LSF0204D
H
Place all data pins in 3 state mode
(Hi-Z)
Place all data pins in 3 state mode (Hi-Z)
3-state output mode enable
(active Low; referenced to Vref_A)
LSF0204D
L
Input or output
Input or output
LSF0204
H
Input or output
Input or output
3-state output mode enable
(active High, referenced to Vref_A)
LSF0204
L
Place all data pins in 3 state mode
(Hi-Z)
Place all data pins in 3 state mode (Hi-Z)
6 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vref_A
A1
A2
A3
A4
NC
GND
Vref_B
B1
B2
B3
B4
NC
EN
Figure 6-1. PW Package,
14-Pin TSSOP
(Top View)
A2
A1
A4
A3
NC
Vref_B
Vref_A
B2
B1
B4
B3
NC
EN
GND
1
14
2
3
4
5
6
7
8
9
10
11
12
13
Figure 6-2. RGY Package,
14-Pin VQFN
(Transparent Top View)
Vref_A
A1
A2
A3
A4
GND
Vref_B
B1
B2
B3
B4
EN
1
2
3
4
5
6
7
8
9
10
11
12
Figure 6-3. RUT Package,
12-Pin UQFN
(Transparent Top View)
Figure 6-4. YZP Package,
12-Pin DSBGA
(Transparent Top View)
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com