Electronic Components Datasheet Search
  English  ▼

X  

LSF0204 Datasheet(PDF) 7 Page - Texas Instruments

Part # LSF0204
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LSF0204 Datasheet HTML 3Page - Texas Instruments LSF0204 Datasheet HTML 4Page - Texas Instruments LSF0204 Datasheet HTML 5Page - Texas Instruments LSF0204 Datasheet HTML 6Page - Texas Instruments LSF0204 Datasheet HTML 7Page - Texas Instruments LSF0204 Datasheet HTML 8Page - Texas Instruments LSF0204 Datasheet HTML 9Page - Texas Instruments LSF0204 Datasheet HTML 10Page - Texas Instruments LSF0204 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
II = -18 mA, VEN = 0
–1.2
V
IIH
VI = 5 V, VEN = 0
5.0
µA
ICCBA
Leakage from
Vref_B to Vref_A
Vref_B = 3.3 V, Vref_A = 1.8 V, VEN = Vref_A IO = 0, VI = 3.3 V or GND
3.5
µA
ICCA + ICCB (4)
Total Current
through GND
Vref_B = 3.3 V, Vref_A = 1.8 V, VEN = Vref_A IO = 0, VI = 3.3 V or GND
0.2
µA
IIN
Control pin current Vref_B = 5.5 V, Vref_A = 4.5 V, VEN = 0 to Vref_A IO = 0
±1
µA
Ioff
Power Off
Leakage Current
Vref_B = Vref_A = 0 V, VEN = GND IO = 0, VI = 5 V or GND
±1
µA
CI(ref_A/B/EN)
VI = 3 V or 0
7
pF
Cio(off)
VO = 3 V or 0, VEN = 0
5.0
6.0
pF
Cio(on)
VO = 3 V or 0, VEN = Vref_A
10.5
13
pF
(3)VIH (EN pin)
High-level input
voltage
Vref_A = 1.5 V to 4.5 V
0.7×Vref_A
V
VIL (EN pin)
Low-level input
voltage
Vref_A = 1.5 V to 4.5 V
0.3×Vref_A
V
VIH (EN pin)
High-level input
voltage
Vref_A= 1.0 V to 1.5 V
0.8×Vref_A
V
VIL (EN pin)
Low-level input
voltage
Vref_A = 1.0 V to 1.5 V
0.3×Vref_A
V
∆t/∆v (EN pin)
Input transition rise
or fall rate for EN
pin
10
ns/V
ron (2)
VI = 0, IO = 64 mA
Vref_A = VEN = 3.3 V; Vref_B = 5 V
3
Ω
Vref_A = VEN = 1.8 V; Vref_B = 5 V
4
VI = 0, IO = 32 mA
Vref_A = VEN = 1.0 V; Vref_B = 5 V
9
Ω
Vref_A = VEN = 1.8 V; Vref_B = 5 V
4
VI = 0, IO = 32 mA , Vref_A = VEN = 2.5 V; Vref_B = 5 V
10
Ω
VI = 1.8 V, IO = 15 mA, Vref_A = VEN = 3.3 V; Vref_B = 5 V
5
Ω
VI = 1.0 V, IO = 10 mA, Vref_A = VEN = 1.8 V; Vref_B = 3.3 V
8
Ω
VI = 0 V, IO = 10 mA, Vref_A = VEN = 1.0 V; Vref_B = 3.3 V
6
Ω
VI = 0 V, IO = 10 mA, Vref_A = VEN = 1.0 V; Vref_B = 1.8 V
6
Ω
(1)
All typical values are at TA = 25°C.
(2)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is
determined by the lowest voltage of the two (A or B) terminals.
(3)
Enable pin test conditions are for the LSF0204. The enable pin test conditions for LSF0204D are oppositely set.
(4)
The actual supply current for LSF0204 is ICCA + ICCB; the leakage from Vref_B to Vref_A can be measured on Vref_A and Vref_B pin
7.6 Switching Characteristics: AC Performance (Translating Down, 3.3 V to 1.8 V)
over recommended operating free-air temperature range, Vrev-A = 1.8 V, Vrev-B = 3.3 V, VEN = 1.8 V, Vpu_1 = 3.3 V,
Vpu_2 = 1.8 V, RL = NA, VIH = 3.3 V, VIL = 0 VM = 1.15 V (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
0.7
5.49
0.5
5.29
0.3
5.19
ns
tPHL
0.9
4.9
0.7
4.7
0.5
4.5
ns
tPLZ
13
18
12
16.5
11
15
ns
tPZL
33
45
30
40
23
37
ns
fMAX
50
100
100
MHz
www.ti.com
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com