Electronic Components Datasheet Search
  English  ▼

X  

M41T81S Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T81S
Description  Serial access real-time clock (RTC) with alarms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T81S Datasheet HTML 5Page - STMicroelectronics M41T81S Datasheet HTML 6Page - STMicroelectronics M41T81S Datasheet HTML 7Page - STMicroelectronics M41T81S Datasheet HTML 8Page - STMicroelectronics M41T81S Datasheet HTML 9Page - STMicroelectronics M41T81S Datasheet HTML 10Page - STMicroelectronics M41T81S Datasheet HTML 11Page - STMicroelectronics M41T81S Datasheet HTML 12Page - STMicroelectronics M41T81S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
M41T81S
Operation
Doc ID 10773 Rev 7
9/32
2
Operation
The M41T81S clock operates as a slave device on the serial bus. Access is obtained by
implementing a start condition followed by the correct slave address (D0h). The 20 bytes
contained in the device can then be accessed sequentially in the following order:
1. Tenths/hundredths of a second register
2. Seconds register
3. Minutes register
4. Century/hours register
5. Day register
6. Date register
7. Month register
8. Year register
9. Calibration register
10. Watchdog register
11 - 15. Alarm registers
16. Flags register
17 - 19. Reserved
20. Square wave register
The M41T81S clock continually monitors VCC for an out-of-tolerance condition. Should VCC
fall below VPFD, the device terminates an access in progress and resets the device address
counter. Inputs to the device will not be recognized at this time to prevent erroneous data
from being written to the device from a an out-of-tolerance system. Once VCC falls below the
switchover voltage (VSO), the device automatically switches over to the battery and powers
down into an ultra-low current mode of operation to preserve battery life. If VBAT is less than
VPFD, the device power is switched from VCC to VBAT when VCC drops below VBAT. If VBAT is
greater than VPFD, the device power is switched from VCC to VBAT when VCC drops below
VPFD. Upon power-up, the device switches from battery to VCC at VSO. When VCC rises
above VPFD, it will recognize the inputs.
For more information on battery storage life refer to application note AN1012, "Predicting the
battery life and data retention period of NVRAMs and serial RTCs" .
2-wire bus characteristics
The bus is intended for communication between different ICs. It consists of two lines: a bi-
directional data signal (SDA) and a clock signal (SCL). Both the SDA and SCL lines must be
connected to a positive supply voltage via a pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com