Electronic Components Datasheet Search
  English  ▼

X  

STPS5H100 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS5H100
Description  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5H100 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPS5H100 Datasheet HTML 2Page - STMicroelectronics STPS5H100 Datasheet HTML 3Page - STMicroelectronics STPS5H100 Datasheet HTML 4Page - STMicroelectronics STPS5H100 Datasheet HTML 5Page - STMicroelectronics STPS5H100 Datasheet HTML 6Page - STMicroelectronics STPS5H100 Datasheet HTML 7Page - STMicroelectronics STPS5H100 Datasheet HTML 8Page - STMicroelectronics STPS5H100 Datasheet HTML 9Page - STMicroelectronics STPS5H100 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
STPS5H100
8/10
DocID5388 Rev 13
Table 6: IPAK package mechanical data
Ref.
Dimensions
Millimiters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
b
0.64
0.90
0.025
0.035
b2
0.95
0.037
b4
5.20
5.43
0.204
0.213
B5
0.30
0.012
c
0.45
0.60
0.017
0.023
c2
0.46
0.60
0.018
0.023
D
6.00
6.20
0.236
0.244
E
6.40
6.65
0.252
0.261
e
2.28
0.089
e1
4.40
4.60
0.173
0.181
H
16.10
0.633
L
9.00
9.60
0.354
0.378
L1
0.80
1.20
0.031
0.047
L2
0.80
1.25
0.031
0.049
V1
10°
10°
Notes:
(1)Inch dimensions are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com