Electronic Components Datasheet Search
  English  ▼

X  

STPS5H100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS5H100
Description  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5H100 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS5H100 Datasheet HTML 1Page - STMicroelectronics STPS5H100 Datasheet HTML 2Page - STMicroelectronics STPS5H100 Datasheet HTML 3Page - STMicroelectronics STPS5H100 Datasheet HTML 4Page - STMicroelectronics STPS5H100 Datasheet HTML 5Page - STMicroelectronics STPS5H100 Datasheet HTML 6Page - STMicroelectronics STPS5H100 Datasheet HTML 7Page - STMicroelectronics STPS5H100 Datasheet HTML 8Page - STMicroelectronics STPS5H100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2017
DocID5388 Rev 13
1/10
This is information on a product in full production.
www.st.com
STPS5H100
High voltage power Schottky rectifier
Datasheet - production data
Features
Negligible switching losses
High junction temperature capability
Low leakage current
Good trade-off between leakage current and
forward voltage drop
Avalanche specification
ECOPACK® compliant component for IPAK
and DPAK on demand
Description
This high voltage Schottky barrier rectifier is
packaged in DPAK and IPAK and designed for
high frequency compact switched mode power
supply such as adapt
ers and on board DC-DC
converters.
Table 1: Device summary
Symbol
Value
IF(AV)
5 A
VRRM
100 V
Tj(max.)
175 °C
VF(typ.)
0.57 V
NC
A
K
IPAK
A
A
DPAK
K
K
NC
NC
K
K
A


Similar Part No. - STPS5H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5H100 STMICROELECTRONICS-STPS5H100 Datasheet
69Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
15-Feb-2006
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
Automotive high voltage power Schottky rectifier
07-Nov-2011
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
Automotive high voltage power Schottky rectifier
07-Nov-2011
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
435Kb / 9P
Automotive 100 V - 5 A power Schottky rectifier
10-Jan-2024
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y_V01 Datasheet
435Kb / 9P
Automotive 100 V - 5 A power Schottky rectifier
10-Jan-2024
More results

Similar Description - STPS5H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com