Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60-x-1076 Hardware Manual
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 13 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD57 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PD57/60-x-1076 Hardware Manual • Hardware Version V1.10 | Document Revision V1.02 • 2018-SEP-03
13 / 25
4.3 TTL UART Connection
To connect via the TTL UART interface to a host PC, we suggest using a USB serial converter from TTL-UART
(5V) to USB interface.
Communication with the host PC, for example when using TRINAMIC’s TMCL-IDE, is done via the Virtual
COM port installed by the converter driver.
More information on the TMCL-IDE and the latest release can be found here: www.trinamic.com
The converter cable must be connected to pins 1, 8, and 9 (GND, RXD, TXD) of the I/O connector.
Note
Default Baud Rates
The default baud rate is 9600 bps.
In bootloader mode, the baud rate is 115200 bps.
Info
USB to UART converter
For example, the TTL-232R-5V from FTDI is working with the module and has
been tested. More information on this converter is available on the FTDI website:
www.ftdichip.com
NOTICE
5V TTL UART Level
The TTL UART interface works with 5V level. Take special care when selecting a
converter cable for USB connection.
4.4 Status LEDs
The PD57/60-x-1076 has one green status LED. See gure 10 for its location.
State
Description
Blinking
Heartbeat, MCU active, normal operation
Permanent on Bootloader mode
Off
Power Off
Table 7: LED state description
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com