Electronic Components Datasheet Search
  English  ▼

X  

PD57 Datasheet(PDF) 21 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD57
Description  PD57/60-x-1076 Hardware Manual
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD57 Datasheet(HTML) 21 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD57 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 22Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 23Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 24Page - TRINAMIC Motion Control GmbH & Co. KG. PD57 Datasheet HTML 25Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
PD57/60-x-1076 Hardware Manual • Hardware Version V1.10 | Document Revision V1.02 • 2018-SEP-03
21 / 25
8 Figures Index
1
Motor coil sine wave current using
stealthChop (measured with current
probe) . . . . . . . . . . . . . . . . . . .
4
2
spreadCycle principle . . . . . . . . . .
4
3
stallGuard2 Load Measurement as a
Function of Load . . . . . . . . . . . .
5
4
Energy E ciency Example with coolStep 5
5
PD57/60-x-1076 mechanical dimen-
sions with motor . . . . . . . . . . . .
7
6
PD57-1-1076 torque vs. velocity 24V /
2.8A, 256µsteps . . . . . . . . . . . . .
9
7
PD57-2-1076 torque vs. velocity 24V /
2.8A, 256µsteps . . . . . . . . . . . . .
9
8
PD60-3-1076 torque vs. velocity 24V /
2.8A, 256µsteps . . . . . . . . . . . . .
10
9
PD60-4-1076 torque vs. velocity 24V /
2.8A, 256µsteps . . . . . . . . . . . . .
10
10 PD57/60-x-1076 connectors . . . . . .
11
11 Typical application scenario with 5V in-
puts . . . . . . . . . . . . . . . . . . . .
14
12 Inputs with common anode input with
3.3V to 5V . . . . . . . . . . . . . . . .
15
13 Inputs with common anode input with
>5V to 24V . . . . . . . . . . . . . . . .
16
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com