Electronic Components Datasheet Search
  English  ▼

X  

TM100 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # TM100
Description  MEDIUM POWER GENERAL USE NON-INSULATED TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM100 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  TM100 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM100 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM100 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM100 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
MITSUBISHI THYRISTOR MODULES
TM100SZ-M
MEDIUM POWER GENERAL USE
NON-INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
Welders
TM100SZ-M
• IT (AV)
Average on-state current .......... 100A
• VRRM
Repetitive peak reverse voltage
................ 400V
• VDRM
Repetitive peak off-state voltage
................ 400V
• TRIPLE ARMS
• Non-Insulated Type
93.5
80±0.2
2–
φ6.5
3–M5
K3
K2
K1
K3
K2
K1
17.5
20
20
K3
G3
K3
K2
G2
K1
G1
K2
K1
A
CR3
CR2
CR1
A
Tab#110, t=0.5
LABEL


Similar Part No. - TM100

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
TM100 LUMINIS-TM100 Datasheet
23Kb / 1P
Bollard
logo
E-SWITCH
TM1000 E-SWITCH-TM1000 Datasheet
468Kb / 2P
TM1000 SERIES
TM1000Q E-SWITCH-TM1000Q Datasheet
468Kb / 2P
TM1000 SERIES
More results

Similar Description - TM100

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM100SZ-6S MITSUBISHI-RM100SZ-6S Datasheet
43Kb / 3P
MEDIUM POWER GENERAL USE NON-INSULATED TYPE
RM30TC-24 MITSUBISHI-RM30TC-24 Datasheet
48Kb / 3P
MEDIUM POWER GENERAL USE INSULATED TYPE
RM60SZ-6S MITSUBISHI-RM60SZ-6S Datasheet
43Kb / 3P
MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM150SA-6 MITSUBISHI-TM150SA-6 Datasheet
53Kb / 4P
MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM15T3A-M MITSUBISHI-TM15T3A-M Datasheet
56Kb / 4P
MEDIUM POWER GENERAL USE INSULATED TYPE
TM28RZ-M MITSUBISHI-TM28RZ-M Datasheet
67Kb / 5P
MEDIUM POWER GENERAL USE INSULATED TYPE
TM60SA-6 MITSUBISHI-TM60SA-6 Datasheet
51Kb / 4P
MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM60SZ-M MITSUBISHI-TM60SZ-M Datasheet
52Kb / 4P
MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM90SA-6 MITSUBISHI-TM90SA-6 Datasheet
52Kb / 4P
MEDIUM POWER GENERAL USE NON-INSULATED TYPE
RM30CZ MITSUBISHI-RM30CZ Datasheet
53Kb / 3P
MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com