| Electronic Components Datasheet Search |
|
MAX3243CPWR Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MAX3243CPWR Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 30 page ![]() 8.2.1 Design Requirements • VCC minimum is 3 V and maximum is 5.5V. • Maximum recommended bit rate is 250 kbit/s. 8.2.2 Detailed Design Procedure • All DIN, FORCEOFF and FORCEON inputs must be connected to valid low or high logic levels. • Select capacitor values based on VCC level for best performance. 8.2.3 Application Curves VCC= 3.3 V ±9 ±8 ±7 ±6 ±5 ±4 ±3 ±2 ±1 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 Time ( s) DIN DOUT to RIN ROUT C001 Figure 8-2. Driver to Receiver Loopback Timing Waveform 8.3 Power Supply Recommendations VCC should be between 3V and 5.5V. Charge pump capacitors should be chosen using table in Figure 8-1. 8.4 Layout 8.4.1 Layout Guidelines Keep the external capacitor traces short. This is more important on C1 and C2 nodes that have the fastest rise and fall times. In the Layout Example diagram, only critical layout sections are shown. Input and output traces will vary in shape and size depending on the customer application. FORCEON and FORCEOFF should be pulled up to VCC or GND via a pullup resistor, depending on which configuration the user desires upon power-up. www.ti.com MAX3243 SLLS350Q – APRIL 1999 – REVISED AUGUST 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 15 Product Folder Links: MAX3243 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |