Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # MAX3243CPWR
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button MAX3243CPWR Datasheet HTML 6Page - Texas Instruments MAX3243CPWR Datasheet HTML 7Page - Texas Instruments MAX3243CPWR Datasheet HTML 8Page - Texas Instruments MAX3243CPWR Datasheet HTML 9Page - Texas Instruments MAX3243CPWR Datasheet HTML 10Page - Texas Instruments MAX3243CPWR Datasheet HTML 11Page - Texas Instruments MAX3243CPWR Datasheet HTML 12Page - Texas Instruments MAX3243CPWR Datasheet HTML 13Page - Texas Instruments MAX3243CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
7 Detailed Description
7.1 Overview
The MAX3243 device consists of three line drivers, five line receivers, and a dual charge-pump circuit with
±15kV ESD (HBM) protection pin to pin (serial- port connection pins, including GND). The device meets the
requirements of TIA/EIA-232-F and provides the electrical interface between an asynchronous communication
controller and the serial-port connector. This combination of drivers and receivers matches that needed for the
typical serial port used in an IBM PC/AT, or compatible. The charge pump and four small external capacitors
allow operation from a single 3V to 5.5V supply. In addition, the device includes an always-active noninverting
output (ROUT2B), which allows applications using the ring indicator to transmit data while the device is powered
down. Flexible control options for power management are available. when the serial port is inactive. The auto-
power-down feature functions when FORCEON is low and FORCEOFF is high. During this mode of operation, if
the device does not sense a valid RS-232 signal, the driver outputs are disabled. If FORCEOFF is set low, both
drivers and receivers (except ROUT2B) are shut off, and the supply current is reduced to 1µA. Disconnecting the
serial port or turning off the peripheral drivers causes the auto-powerdown condition to occur. Auto-powerdown
can be disabled when FORCEON and FORCEOFF are high and should be done when driving a serial mouse.
With auto-powerdown enabled, the device is activated automatically when a valid signal is applied to any
receiver input. The INVALID output is used to notify the user if an RS-232 signal is present at any receiver
input. INVALID is high (valid data) if any receiver input voltage is greater than 2.7V or less than –2.7V or has
been between –0.3V and 0.3V for less than 30µs. INVALID is low (invalid data) if all receiver input voltages are
between –0.3V and 0.3V for more than 30µs.
7.2 Functional Block Diagram
DIN3
DIN2
DIN1
DOUT3
DOUT2
DOUT1
Auto-powerdown
INVALID
RIN1
RIN2
RIN3
RIN4
RIN5
FORCEOFF
FORCEON
ROUT1
ROUT2B
ROUT2
ROUT3
ROUT4
ROUT5
14
13
12
22
23
19
20
18
17
16
15
9
10
11
21
4
5
6
7
8
5 k
5 k
5 k
5 k
5 k
W
W
W
W
W
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com