Electronic Components Datasheet Search
  English  ▼

X  

MUX508 Datasheet(PDF) 21 Page - Texas Instruments

Part # MUX508
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MUX508 Datasheet HTML 17Page - Texas Instruments MUX508 Datasheet HTML 18Page - Texas Instruments MUX508 Datasheet HTML 19Page - Texas Instruments MUX508 Datasheet HTML 20Page - Texas Instruments MUX508 Datasheet HTML 21Page - Texas Instruments MUX508 Datasheet HTML 22Page - Texas Instruments MUX508 Datasheet HTML 23Page - Texas Instruments MUX508 Datasheet HTML 24Page - Texas Instruments MUX508 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
OUT
S
V
Channel-to-Channel Crosstalk
20 Log
V
§
·
˜
¨
¸
©
¹
Network Analyzer
S1
S2
VS
VOUT
VDD
VDD
VSS
VSS
0.1 µF
0.1 µF
RL
50
Ÿ
R
50
Ÿ
GND
OUT
S
V
Off Isolation
20 Log
V
§
·
˜
¨
¸
©
¹
VDD
VSS
Network Analyzer
VOUT
S
D
50
Ÿ
VS
VDD
VSS
0.1 µF
0.1 µF
GND
RL
50
Ÿ
50
21
MUX508, MUX509
www.ti.com
SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.9 Off Isolation
Off isolation is defined as the voltage at the drain pin (D, DA, or DB) of the MUX50x when a 1-VRMS signal is
applied to the source pin (Sx, SxA, or SxB) of an off-channel. Figure 33 shows the setup used to measure off
isolation. Use Equation 2 to compute off isolation.
Figure 33. Off Isolation Measurement Setup
(2)
8.10 Channel-to-Channel Crosstalk
Channel-to-channel crosstalk is defined as the voltage at the source pin (Sx, SxA, or SxB) of an off-channel,
when a 1-VRMS signal is applied at the source pin of an on-channel. Figure 34 shows the setup used to measure,
and Equation 3 is the equation used to compute, channel-to-channel crosstalk.
Figure 34. Channel-to-Channel Crosstalk Measurement Setup
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com