Electronic Components Datasheet Search
  English  ▼

X  

MUX508 Datasheet(PDF) 12 Page - Texas Instruments

Part # MUX508
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508 Datasheet(HTML) 12 Page - Texas Instruments

Back Button MUX508 Datasheet HTML 8Page - Texas Instruments MUX508 Datasheet HTML 9Page - Texas Instruments MUX508 Datasheet HTML 10Page - Texas Instruments MUX508 Datasheet HTML 11Page - Texas Instruments MUX508 Datasheet HTML 12Page - Texas Instruments MUX508 Datasheet HTML 13Page - Texas Instruments MUX508 Datasheet HTML 14Page - Texas Instruments MUX508 Datasheet HTML 15Page - Texas Instruments MUX508 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
±2
±1
0
1
2
±15
±10
±5
0
5
10
15
Source Voltage (V)
C008
V
DD = 12 V
V
SS = 0 V
V
DD = 10 V
V
SS = ±10 V
V
DD = 15 V
V
SS = ±15 V
±2
±1
0
1
2
±15
±10
±5
0
5
10
15
Source Voltage (V)
C025
V
DD = 12 V
V
SS = 0 V
V
DD = 10 V
V
SS = ±10 V
V
DD = 15 V
V
SS = ±15 V
±900
±600
±300
0
300
600
900
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C006
I
D(ON)+
I
D(OFF)+
I
S(OFF)+
I
S(OFF)
±
I
D(OFF)
±
I
D(ON)
±
±900
±600
±300
0
300
600
900
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C007
I
S(OFF)+
I
D(OFF)+
I
D(ON)+
I
S(OFF)
±
I
D(OFF)
±
I
D(ON)
±
0
50
100
150
200
250
0
6
12
18
24
Source or Drain Voltage (V)
C029
0
50
100
150
200
250
±12
±6
0
6
12
Source or Drain Voltage (V)
C024
12
MUX508, MUX509
SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
VDD = 24 V, VSS = 0 V
Figure 7. On-Resistance vs Source or Drain Voltage
VDD = 12 V, VSS = –12 V
Figure 8. On-Resistance vs Source or Drain Voltage
VDD = 15 V, VSS = –15 V
Figure 9. Leakage Current vs Temperature
VDD = 12 V, VSS = 0 V
Figure 10. Leakage Current vs Temperature
MUX508, source-to-drain
Figure 11. Charge Injection vs Source Voltage
MUX509, source-to-drain
Figure 12. Charge Injection vs Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com