Electronic Components Datasheet Search
  English  ▼

X  

MUX506IPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # MUX506IPWR
Description  MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX506IPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button MUX506IPWR Datasheet HTML 26Page - Texas Instruments MUX506IPWR Datasheet HTML 27Page - Texas Instruments MUX506IPWR Datasheet HTML 28Page - Texas Instruments MUX506IPWR Datasheet HTML 29Page - Texas Instruments MUX506IPWR Datasheet HTML 30Page - Texas Instruments MUX506IPWR Datasheet HTML 31Page - Texas Instruments MUX506IPWR Datasheet HTML 32Page - Texas Instruments MUX506IPWR Datasheet HTML 33Page - Texas Instruments MUX506IPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Source or Drain Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
50
100
150
200
250
300
350
400
D001
VDD = 18 V, VSS = -18 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 15 V, VSS = -15 V
VDD = 13.5 V, VSS = -13.5 V
VDD = 10 V, VSS = -10 V
30
MUX506, MUX507
SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
10 Power Supply Recommendations
The MUX50x operates across a wide supply range of ±5 V to ±18 V (10 V to 36 V in single-supply mode). The
devices also perform well with unsymmetric supplies such as VDD = 12 V and VSS= –5 V. For reliable operation,
use a supply decoupling capacitor ranging between 0.1 µF to 10 µF at both the VDD and VSS pins to ground.
The on-resistance of the MUX50x varies with supply voltage, as illustrated in Figure 44
Figure 44. On-Resistance Variation With Supply and Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com