Electronic Components Datasheet Search
  English  ▼

X  

MUX506IPWR Datasheet(PDF) 35 Page - Texas Instruments

Part # MUX506IPWR
Description  MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX506IPWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button MUX506IPWR Datasheet HTML 31Page - Texas Instruments MUX506IPWR Datasheet HTML 32Page - Texas Instruments MUX506IPWR Datasheet HTML 33Page - Texas Instruments MUX506IPWR Datasheet HTML 34Page - Texas Instruments MUX506IPWR Datasheet HTML 35Page - Texas Instruments MUX506IPWR Datasheet HTML 36Page - Texas Instruments MUX506IPWR Datasheet HTML 37Page - Texas Instruments MUX506IPWR Datasheet HTML 38Page - Texas Instruments MUX506IPWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-Jul-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
MUX506IDWR
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX506DA
MUX506IDWR.B
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX506DA
MUX506IPW
Active
Production
TSSOP (PW) | 28
50 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX506A
MUX506IPW.B
Active
Production
TSSOP (PW) | 28
50 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX506A
MUX506IPWR
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX506A
MUX506IPWR.B
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX506A
MUX506IPWRG4
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX506A
MUX506IPWRG4.B
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX506A
MUX507IDWR
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX507DA
MUX507IDWR.B
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX507DA
MUX507IPW
Active
Production
TSSOP (PW) | 28
50 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX507A
MUX507IPW.B
Active
Production
TSSOP (PW) | 28
50 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX507A
MUX507IPWR
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX507A
MUX507IPWR.B
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX507A
MUX507IPWRG4
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX507A
MUX507IPWRG4.B
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
MUX507A
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com