Electronic Components Datasheet Search
  English  ▼

X  

OPA140 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA140
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA140 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA140 Datasheet HTML 9Page - Texas Instruments OPA140 Datasheet HTML 10Page - Texas Instruments OPA140 Datasheet HTML 11Page - Texas Instruments OPA140 Datasheet HTML 12Page - Texas Instruments OPA140 Datasheet HTML 13Page - Texas Instruments OPA140 Datasheet HTML 14Page - Texas Instruments OPA140 Datasheet HTML 15Page - Texas Instruments OPA140 Datasheet HTML 16Page - Texas Instruments OPA140 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Time (0.4 s/div)
m
2kW
20kW
V
IN
V
OUT
OPA140
V
IN
V
OUT
G = 10
-
Figure 6-23. Positive Overload Recovery
Time(0.4 s/div)
m
2kW
20kW
V
IN
V
OUT
OPA140
V
IN
V
OUT
G= 10
-
Figure 6-24. Negative Overload Recovery
1000
800
600
400
200
0
200
400
600
800
1000
-
-
-
-
-
0
0.5
1
1.5
2
2.5
3
3.5
4
Time ( s)
m
16-bit Settling
( 1/2LSB = 0.00075%)
±
±
Figure 6-25. Large-Signal Positive Settling Time (10-V Step)
0
0.5
1
1.5
2
2.5
3
3.5
4
Time ( s)
m
16-bit Settling
( 1/2LSB = 0.00075%)
±
±
1000
800
600
400
200
0
200
400
600
800
1000
-
-
-
-
-
Figure 6-26. Large-Signal Negative Settling Time (10-V Step)
Time (100ns/div)
C = 100pF
L
+15V
-15V
C
L
R
L
OPA140
G = +1
Figure 6-27. Small-Signal Step Response (100 mV)
Time (100ns/div)
C = 100pF
L
+15V
-15V
R
2kW
F =
R
2kW
I =
C
L
OPA140
G = 1
-
Figure 6-28. Small-Signal Step Response (100 mV)
www.ti.com
OPA140, OPA2140, OPA4140
SBOS498F – JUNE 2010 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com