Electronic Components Datasheet Search
  English  ▼

X  

OPA376 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA376
Description  Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA376 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA376 Datasheet HTML 13Page - Texas Instruments OPA376 Datasheet HTML 14Page - Texas Instruments OPA376 Datasheet HTML 15Page - Texas Instruments OPA376 Datasheet HTML 16Page - Texas Instruments OPA376 Datasheet HTML 17Page - Texas Instruments OPA376 Datasheet HTML 18Page - Texas Instruments OPA376 Datasheet HTML 19Page - Texas Instruments OPA376 Datasheet HTML 20Page - Texas Instruments OPA376 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
R
F
OpAmp
Core
R
I
R
L
V
(1)
IN
I
D
-In
Out
+In
ESDCurrent-
SteeringDiodes
Edge-TriggeredESD
AbsorptionCircuit
+V
S
+V
-V
-VS
OPA141
R
S
(3)
TVS
(2)
TVS
(2)
OPA141
OPA2141
OPA4141
www.ti.com
SBOS510B – MARCH 2010 – REVISED MAY 2010
Figure 35 depicts a specific example where the input
Again, it depends on the supply characteristic while at
voltage, VIN, exceeds the positive supply voltage
0V, or at a level below the input signal amplitude. If
(+VS) by 500mV or more. Much of what happens in
the supplies appear as high impedance, then the
the circuit depends on the supply characteristics. If
operational amplifier supply current may be supplied
+VS can sink the current, one of the upper input
by the input source via the current steering diodes.
steering diodes conducts and directs current to +VS.
This state is not a normal bias condition; the amplifier
Excessively
high
current
levels
can
flow
with
most likely will not operate normally. If the supplies
increasingly higher VIN. As a result, the datasheet
are low impedance, then the current through the
specifications recommend that applications limit the
steering diodes can become quite high. The current
input current to 10mA.
level depends on the ability of the input source to
deliver current, and any resistance in the input path.
If the supply is not capable of sinking the current, VIN
may
begin
sourcing
current
to
the
operational
If there is an uncertainty about the ability of the
amplifier, and then take over as the source of positive
supply to absorb this current, external zener diodes
supply voltage. The danger in this case is that the
may be added to the supply pins as shown in
voltage can rise to levels that exceed the operational
Figure 35. The zener voltage must be selected such
amplifier absolute maximum ratings.
that the diode does not turn on during normal
operation.
Another common question involves what happens to
the amplifier if an input signal is applied to the input
However, its zener voltage should be low enough so
while the power supplies +VS and/or –VS are at 0V.
that the zener diode conducts if the supply pin begins
to rise above the safe operating supply voltage level.
(1)
VIN = +VS + 500mV.
(2)
TVS: +VS(max) > VTVSBR (Min) > +VS
(3)
Suggested value approximately 1k
Ω.
Figure 35. Equivalent Internal ESD Circuitry and Its Relation to a Typical Circuit Application
Copyright © 2010, Texas Instruments Incorporated
17
Product Folder Link(s): OPA141 OPA2141 OPA4141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com