Electronic Components Datasheet Search
  English  ▼

X  

OPA376 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA376
Description  Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA376 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA376 Datasheet HTML 2Page - Texas Instruments OPA376 Datasheet HTML 3Page - Texas Instruments OPA376 Datasheet HTML 4Page - Texas Instruments OPA376 Datasheet HTML 5Page - Texas Instruments OPA376 Datasheet HTML 6Page - Texas Instruments OPA376 Datasheet HTML 7Page - Texas Instruments OPA376 Datasheet HTML 8Page - Texas Instruments OPA376 Datasheet HTML 9Page - Texas Instruments OPA376 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1
2
3
4
8
7
6
5
NC
(1)
V+
Out
NC
(1)
NC
(1)
-In
+In
V-
(1)NCdenotesnointernalconnection.
OutA
-
InA
+InA
V+
+InB
-
InB
OutB
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
A
B
C
OutD
-
InD
+InD
V
-
+InC
-
InC
OutC
1
2
3
4
8
7
6
5
V+
OutB
-
InB
+InB
OUTA
-
InA
+InA
V
-
A
B
IN-
Pre-OutputDriver
OUT
IN+
V+
V-
OPA141
OPA2141
OPA4141
SBOS510B – MARCH 2010 – REVISED MAY 2010
www.ti.com
PIN ASSIGNMENTS
OPA141
OPA4141
SO-8, MSOP-8
SO-14, TSSOP-14
(TOP VIEW)
(TOP VIEW)
OPA2141
SO-8, MSOP-8
(TOP VIEW)
SIMPLIFIED BLOCK DIAGRAM
Figure 1.
6
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA141 OPA2141 OPA4141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com