Electronic Components Datasheet Search
  English  ▼

X  

OPA196 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA196
Description  OPAx196 36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA196 Datasheet(HTML) 3 Page - Texas Instruments

  OPA196 Datasheet HTML 1Page - Texas Instruments OPA196 Datasheet HTML 2Page - Texas Instruments OPA196 Datasheet HTML 3Page - Texas Instruments OPA196 Datasheet HTML 4Page - Texas Instruments OPA196 Datasheet HTML 5Page - Texas Instruments OPA196 Datasheet HTML 6Page - Texas Instruments OPA196 Datasheet HTML 7Page - Texas Instruments OPA196 Datasheet HTML 8Page - Texas Instruments OPA196 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
1
OUT A
14
OUT D
2
±IN A
13
±IN D
3
+IN A
12
+IN D
4
V+
11
V±
5
+IN B
10
+IN C
6
±IN B
9
±IN C
7
OUT B
8
OUT C
Not to scale
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
NC
Not to scale
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
3
OPA196, OPA2196, OPA4196
www.ti.com
SBOS869 – JULY 2017
Product Folder Links: OPA196 OPA2196 OPA4196
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package: OPA196
5-Pin SOT
Top View
D and DGK Packages: OPA196
8-Pin SOIC and VSSOP
Top View
D and DGK Packages: OPA2196
8-Pin SOIC and VSSOP
Top View
D and PW Packages: OPA4196
14-Pin SOIC and TSSOP
Top View
(1)
NC = No internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com