Electronic Components Datasheet Search
  English  ▼

X  

OPA196 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA196
Description  OPAx196 36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA196 Datasheet(HTML) 4 Page - Texas Instruments

  OPA196 Datasheet HTML 1Page - Texas Instruments OPA196 Datasheet HTML 2Page - Texas Instruments OPA196 Datasheet HTML 3Page - Texas Instruments OPA196 Datasheet HTML 4Page - Texas Instruments OPA196 Datasheet HTML 5Page - Texas Instruments OPA196 Datasheet HTML 6Page - Texas Instruments OPA196 Datasheet HTML 7Page - Texas Instruments OPA196 Datasheet HTML 8Page - Texas Instruments OPA196 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
OPA196, OPA2196, OPA4196
SBOS869 – JULY 2017
www.ti.com
Product Folder Links: OPA196 OPA2196 OPA4196
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions: OPA196
PIN
I/O
DESCRIPTION
NAME
OPA196
D (SOIC),
DGK (VSSOP)
DBV (SOT)
+IN
3
3
I
Noninverting input
–IN
2
4
I
Inverting input
NC
1, 5, 8
—
—
No internal connection (can be left floating)
OUT
6
1
O
Output
V+
7
5
—
Positive (highest) power supply
V–
4
2
—
Negative (lowest) power supply
Pin Functions: OPA2196 and OPA4196
PIN
I/O
DESCRIPTION
NAME
OPA2196
OPA4196
D (SOIC),
DGK (VSSOP)
D (SOIC),
PW (TSSOP)
+IN A
3
3
I
Noninverting input, channel A
+IN B
5
5
I
Noninverting input, channel B
+IN C
—
10
I
Noninverting input, channel C
+IN D
—
12
I
Noninverting input, channel D
–IN A
2
2
I
Inverting input, channel A
–IN B
6
6
I
Inverting input, channel B
–IN C
—
9
I
Inverting input,,channel C
–IN D
—
13
I
Inverting input, channel D
OUT A
1
1
O
Output, channel A
OUT B
7
7
O
Output, channel B
OUT C
—
8
O
Output, channel C
OUT D
—
14
O
Output, channel D
V+
8
4
—
Positive (highest) power supply
V–
4
11
—
Negative (lowest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com