Electronic Components Datasheet Search
  English  ▼

X  

OPA188AIDBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA188AIDBVT
Description  OPA188 Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA188AIDBVT Datasheet HTML 18Page - Texas Instruments OPA188AIDBVT Datasheet HTML 19Page - Texas Instruments OPA188AIDBVT Datasheet HTML 20Page - Texas Instruments OPA188AIDBVT Datasheet HTML 21Page - Texas Instruments OPA188AIDBVT Datasheet HTML 22Page - Texas Instruments OPA188AIDBVT Datasheet HTML 23Page - Texas Instruments OPA188AIDBVT Datasheet HTML 24Page - Texas Instruments OPA188AIDBVT Datasheet HTML 25Page - Texas Instruments OPA188AIDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
OPA188
15 V
15 V
VOUT
R
R1
R
R
R
VREF
R1
Copyright © 2016, Texas Instruments Incorporated
OPA188
-15 V
15 V
U3
OPA188
15 V
-15 V
U2
+
VCM
10
-VDIFF / 2
V
DIFF / 2
R
10 kW
5
R
10 kW
7
R
500 W
G
V
P
OUT
V
N
OUT
U1
INA159
5 V
V
OUT
(1)
Ref 1
Ref 2
Sense
22
OPA188
SBOS642C – MARCH 2013 – REVISED JANUARY 2020
www.ti.com
Product Folder Links: OPA188
Submit Documentation Feedback
Copyright © 2013–2020, Texas Instruments Incorporated
9.2.2 Discrete INA + Attenuation for ADC With 3.3-V Supply
NOTE
The TINA-TI files shown in the following sections require that either the TINA software
(from DesignSoft™) or TINA-TI software be installed. Download the free TINA-TI software
from the TINA-TI folder.
Figure 46 shows an example of how the OPA188 is used as a high-voltage, high-impedance front-end for a
precision, discrete instrumentation amplifier with attenuation. The INA159 provides the attenuation that allows
this circuit to easily interface with 3.3-V or 5-V analog-to-digital converters (ADCs). Click the following link to
download the TINA-TI file: Discrete INA.
(1)
VOUT = VDIFF × (41 / 5) + (Ref 1) / 2.
Figure 46. Discrete INA + Attenuation for ADC With 3.3-V Supply
9.2.3 Bridge Amplifier
Figure 47 shows the basic configuration for a bridge amplifier. Click the following link to download the TINA-TI
file: Bridge Amplifier Circuit.
Figure 47. Bridge Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com