Electronic Components Datasheet Search
  English  ▼

X  

OPA196IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA196IDBVT
Description  OPAx196 36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA196IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA196IDBVT Datasheet HTML 1Page - Texas Instruments OPA196IDBVT Datasheet HTML 2Page - Texas Instruments OPA196IDBVT Datasheet HTML 3Page - Texas Instruments OPA196IDBVT Datasheet HTML 4Page - Texas Instruments OPA196IDBVT Datasheet HTML 5Page - Texas Instruments OPA196IDBVT Datasheet HTML 6Page - Texas Instruments OPA196IDBVT Datasheet HTML 7Page - Texas Instruments OPA196IDBVT Datasheet HTML 8Page - Texas Instruments OPA196IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
OPA196, OPA2196, OPA4196
SBOS869 – JULY 2017
www.ti.com
Product Folder Links: OPA196 OPA2196 OPA4196
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information: OPA196 .................................. 5
6.5
Thermal Information: OPA2196 ................................ 6
6.6
Thermal Information: OPA4196 ................................ 6
6.7
Electrical Characteristics: VS = ±4 V to ±18 V (VS = 8
V to 36 V) ................................................................... 7
6.8
Electrical Characteristics: VS = ±2.25 V to ±4 V (VS =
4.5 V to 8 V)............................................................... 9
6.9
Typical Characteristics ............................................ 11
7
Detailed Description ............................................ 18
7.1
Overview ................................................................. 18
7.2
Functional Block Diagram ....................................... 18
7.3
Feature Description................................................. 19
7.4
Device Functional Modes........................................ 26
8
Application and Implementation ........................ 27
8.1
Application Information............................................ 27
8.2
Typical Applications ................................................ 27
9
Power-Supply Recommendations...................... 31
10
Layout................................................................... 31
10.1
Layout Guidelines ................................................. 31
10.2
Layout Example .................................................... 32
11
Device and Documentation Support ................. 33
11.1
Device Support...................................................... 33
11.2
Documentation Support ........................................ 33
11.3
Related Links ........................................................ 33
11.4
Receiving Notification of Documentation Updates 33
11.5
Community Resources.......................................... 34
11.6
Trademarks ........................................................... 34
11.7
Electrostatic Discharge Caution ............................ 34
11.8
Glossary ................................................................ 34
12
Mechanical, Packaging, and Orderable
Information ........................................................... 34
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
July 2017
*
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com