Electronic Components Datasheet Search
  English  ▼

X  

OPA227 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA227
Description  OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA227 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA227 Datasheet HTML 17Page - Texas Instruments OPA227 Datasheet HTML 18Page - Texas Instruments OPA227 Datasheet HTML 19Page - Texas Instruments OPA227 Datasheet HTML 20Page - Texas Instruments OPA227 Datasheet HTML 21Page - Texas Instruments OPA227 Datasheet HTML 22Page - Texas Instruments OPA227 Datasheet HTML 23Page - Texas Instruments OPA227 Datasheet HTML 24Page - Texas Instruments OPA227 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Where eS = √4kTRS •
= thermal noise of R
S
= √4kTR1 •
= thermal noise of R1
= √4kTR2
= thermal noise of R2
1
2
1
+
R
R
Noise at the output:
R
R
2
1
E
R
R
e
e
i R
e
i R
R
R
O
n
n
S
n
S
2
2
1
2
2
1
2
2
2
2
2
2
2
2
1
2
1
1
=
+
+
+
+
(
) +
+
(
) +
Where eS = √4kTRS •
= thermal noise of RS
= √4kTR1 •
= thermal noise of R1
= √4kTR2
= thermal noise of R2
Noise at the output:
R
R
RS
2
1 +
R
R
RS
2
1 +
E
R
R
R
e
e
e
i R
e
O
S
n
n
S
2
2
1
2
2
1
2
2
2
2
2
2
1
=
+
+
+
+
+
(
) +
R1
R2
EO
R1
R2
EO
RS
VS
RS
VS
Noise in Noninverting Gain Configuration
Noise in Inverting Gain Configuration
For the OPA227 and OPA228 series op amps at 1kHz, e n = 3nV/√Hz and in = 0.4pA/√Hz.
e
( )
( )
( )
( )
e
1
e2
e
1
e2
(
)
(
)
(
)
Figure 7-5. Noise Calculation in Gain Configurations
www.ti.com
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110C – MAY 1998 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com