Electronic Components Datasheet Search
  English  ▼

X  

OPA227 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA227
Description  OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA227 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA227 Datasheet HTML 8Page - Texas Instruments OPA227 Datasheet HTML 9Page - Texas Instruments OPA227 Datasheet HTML 10Page - Texas Instruments OPA227 Datasheet HTML 11Page - Texas Instruments OPA227 Datasheet HTML 12Page - Texas Instruments OPA227 Datasheet HTML 13Page - Texas Instruments OPA227 Datasheet HTML 14Page - Texas Instruments OPA227 Datasheet HTML 15Page - Texas Instruments OPA227 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
6.9 Typical Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, and VS = ±15 V, unless otherwise noted.
1s/div
Figure 6-7. Input Noise Voltage vs Time
10
100
1k
10k
100k
1M
140
120
100
80
60
40
Frequency (Hz)
Dual and quad devices. G = 1, all channels.
Quad measured Channel A to D, or B to C;
other combinations yield similiar or improved
rejection.
Figure 6-8. Channel Separation vs Frequency
Noise (nV/√Hz)
3.16
0
3.25 3.34 3.43 3.51 3.60 3.69 3.78
24
16
8
0
Figure 6-9. Voltage Noise Distribution (10 Hz)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (μV)
17.5
15.0
12.5
10.0
5.5
5.0
2.5
0
Typical distribution
of packaged units.
Figure 6-10. Offset Voltage Production Distribution
Offset Voltage Drift (μV)/°C
12
8
4
0
Typical distribution
of packaged units.
0
0.5
1.0
1.5
Figure 6-11. Offset Voltage Drift Production Distribution
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
100
150
300
Time from Power Supply Turn-On (s)
50
200
250
Figure 6-12. Warm-Up Offset Voltage Drift
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
SBOS110C – MAY 1998 – REVISED MARCH 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com