Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA314
Description  OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA314 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 17Page - Texas Instruments OPA314 Datasheet HTML 18Page - Texas Instruments OPA314 Datasheet HTML 19Page - Texas Instruments OPA314 Datasheet HTML 20Page - Texas Instruments OPA314 Datasheet HTML 21Page - Texas Instruments OPA314 Datasheet HTML 22Page - Texas Instruments OPA314 Datasheet HTML 23Page - Texas Instruments OPA314 Datasheet HTML 24Page - Texas Instruments OPA314 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
V
IN
V
OUT
V+
R
S
10
to
20
W
W
R
L
C
L
Device
R
G
R
F
R
2
R
1
C
2
V
IN
V
OUT
1
2pRC
f
=
-
3 dB
C
1
R
R = R
C
C = C
Q = Peaking factor
(Butterworth Q = 0.707)
1
1
2
2
=
=
R
G =
(
(
R
F
2 -
1
Q
OPA314, OPA2314, OPA4314
www.ti.com
SBOS563G – MAY 2011 – REVISED JUNE 2015
Application Information (continued)
Figure 37. Two-Pole Low-Pass Sallen-Key Filter
8.1.2 Capacitive Load and Stability
The OPA2314 device is designed to be used in applications where driving a capacitive load is required. As with
all op-amps, specific instances can occur where the OPA2314 device can become unstable. The particular op-
amp circuit configuration, layout, gain, and output loading are some of the factors to consider when establishing
whether or not an amplifier is stable in operation. An op-amp in the unity-gain (1 V/V) buffer configuration that
drives a capacitive load exhibits a greater tendency to be unstable than an amplifier operated at a higher noise
gain. The capacitive load, in conjunction with the op-amp output resistance, creates a pole within the feedback
loop that degrades the phase margin. The degradation of the phase margin increases as the capacitive loading
increases. When operating in the unity-gain configuration, the OPA2314 device remains stable with a pure
capacitive load up to approximately 1 nF. The equivalent series resistance (ESR) of some very large capacitors
(CL greater than 1 μF) is sufficient to alter the phase characteristics in the feedback loop such that the amplifier
remains stable. Increasing the amplifier closed-loop gain allows the amplifier to drive increasingly larger
capacitance. This increased capability is evident when observing the overshoot response of the amplifier at
higher voltage gains. See the graph, Figure 20.
One technique for increasing the capacitive load drive capability of the amplifier operating in a unity-gain
configuration is to insert a small resistor, typically 10
Ω to 20 Ω, in series with the output, as shown in Figure 38.
This resistor significantly reduces the overshoot and ringing associated with large capacitive loads. One possible
problem with this technique, however, is that a voltage divider is created with the added series resistor and any
resistor connected in parallel with the capacitive load. The voltage divider introduces a gain error at the output
that reduces the output swing.
Figure 38. Improving Capacitive Load Drive
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA314 OPA2314 OPA4314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com