Electronic Components Datasheet Search
  English  ▼

X  

OPA314 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA314
Description  OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA314 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA314 Datasheet HTML 8Page - Texas Instruments OPA314 Datasheet HTML 9Page - Texas Instruments OPA314 Datasheet HTML 10Page - Texas Instruments OPA314 Datasheet HTML 11Page - Texas Instruments OPA314 Datasheet HTML 12Page - Texas Instruments OPA314 Datasheet HTML 13Page - Texas Instruments OPA314 Datasheet HTML 14Page - Texas Instruments OPA314 Datasheet HTML 15Page - Texas Instruments OPA314 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
3
2
1
0
1
2
3
-
-
-
0
5
10
15
20
25
30
35
40
Output Current (mA)
V = ±2.75 V
S
-40°C
+25°C
+125°C
40
20
0
20
-
10k
100k
1M
10M
Frequency (Hz)
G = 1 V/V
-
G = +1 V/V
G = +10 V/V
V = 1.8 V
S
6
5
4
3
2
1
0
10k
100k
1M
10M
Frequency (Hz)
V
= 5.5 V
IN
IN
IN
V
= 3.3 V
V
= 1.8 V
R = 10 k
C = 10 pF
W
L
L
100k
10k
1k
1
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
V = ±2.75 V
S
V = ±0.9 V
S
1000
900
800
700
600
500
400
300
200
100
0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
I
OS
I
B
0
1
2
3
4
5
Common-Mode Input Voltage (V)
0.5
1.5
2.5
3.5
4.5
5.5
20
18
16
14
12
10
V = ±2.75 V
f = 1 kHz
S
OPA314, OPA2314, OPA4314
SBOS563G – MAY 2011 – REVISED JUNE 2015
www.ti.com
At TA = 25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
Figure 13. Voltage Noise vs Common-Mode Voltage
Figure 14. Input Bias and Offset Current vs Temperature
Figure 15. Open-Loop Output Impedance vs Frequency
Figure 16. Maximum Output Voltage vs Frequency and
Supply Voltage
Figure 17. Output Voltage Swing vs Output Current (Over
Figure 18. Closed-Loop Gain vs Frequency
Temperature)
12
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: OPA314 OPA2314 OPA4314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com