Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA320
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 3 Page - Texas Instruments

  OPA320 Datasheet HTML 1Page - Texas Instruments OPA320 Datasheet HTML 2Page - Texas Instruments OPA320 Datasheet HTML 3Page - Texas Instruments OPA320 Datasheet HTML 4Page - Texas Instruments OPA320 Datasheet HTML 5Page - Texas Instruments OPA320 Datasheet HTML 6Page - Texas Instruments OPA320 Datasheet HTML 7Page - Texas Instruments OPA320 Datasheet HTML 8Page - Texas Instruments OPA320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
3
OPA320, OPA2320, OPA320S, OPA2320S
www.ti.com
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
•
Changed Shutdown subsection of Electrical Characteristics along with associated notes.................................................... 8
•
Changed Power Supply subsection of Electrical Characteristics ........................................................................................... 9
•
Changed Figure 4 ................................................................................................................................................................. 10
•
Changed Figure 18 ............................................................................................................................................................... 11
•
Changed 100 µs to 100 ns in first paragraph of Overload Recovery Time section ............................................................. 20
•
Changed Figure 38 ............................................................................................................................................................... 20
•
Changed Figure 39 ............................................................................................................................................................... 20
•
Changed R2 value in Figure 44 from 500Ω to 50kΩ............................................................................................................. 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com