Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA320
Description  OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 1 Page - Texas Instruments

  OPA320 Datasheet HTML 1Page - Texas Instruments OPA320 Datasheet HTML 2Page - Texas Instruments OPA320 Datasheet HTML 3Page - Texas Instruments OPA320 Datasheet HTML 4Page - Texas Instruments OPA320 Datasheet HTML 5Page - Texas Instruments OPA320 Datasheet HTML 6Page - Texas Instruments OPA320 Datasheet HTML 7Page - Texas Instruments OPA320 Datasheet HTML 8Page - Texas Instruments OPA320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Bias Circuitry
Input Stage Load
Low Noise Charge
Pump
Bias Circuitry
+IN
-IN
OUT
V+
V-
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA320, OPA2320, OPA320S, OPA2320S
SBOS513F – AUGUST 2010 – REVISED DECEMBER 2016
OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,
CMOS Operational Amplifier With Shutdown
1
1 Features
1
•
Precision with Zero-Crossover Distortion:
–
Low Offset Voltage: 150 µV (Maximum)
–
High CMRR: 114 dB
–
Rail-to-Rail I/O
•
Low Input Bias Current: 0.9 pA (Maximum)
•
Low Noise: 7 nV/
√Hz at 10 kHz
•
Wide Bandwidth: 20 MHz
•
Slew Rate: 10 V/µs
•
Quiescent Current: 1.45 mA/Ch
•
Single-Supply Voltage Range: 1.8 V to 5.5 V
•
OPA320S and OPA2320S:
–
IQ in Shutdown Mode: 0.1 µA
•
Unity-Gain Stable
•
Small Packages:
–
SOT-23, VSSOP, SON, and SOIC
2 Applications
•
High-Z Sensor Signal Conditioning
•
Transimpedance Amplifiers
•
Test and Measurement Equipment
•
Programmable Logic Controllers (PLCs)
•
Motor Control Loops
•
Communications
•
Input/Output ADC/DAC Buffers
•
Active Filters
Block Diagram
3 Description
The OPA320 (single) and OPA2320 (dual) are a new
generation
of
precision,
low-voltage
CMOS
operational amplifiers optimized for very low noise
and wide bandwidth while operating on a low
quiescent current of only 1.45 mA.
The OPA320 series is ideal for low-power, single-
supply applications. Low-noise (7 nV/
√Hz) and high-
speed operation also make them well-suited for
driving sampling analog-to-digital converters (ADCs).
Other applications include signal conditioning and
sensor amplification.
The OPA320 features a linear input stage with zero-
crossover distortion that delivers excellent common-
mode rejection ratio (CMRR) of typically 114 dB over
the full input range. The input common mode range
extends 100 mV beyond the negative and positive
supply rails. The output voltage typically swings within
10 mV of the rails.
In addition, the OPAx320 has a wide supply voltage
range from 1.8 V to 5.5 V with excellent PSRR
(106 dB) over the entire supply range, making them
suitable for precision, low-power applications that run
directly from batteries without regulation.
The OPA320 (single version) is available in a 5-pin
SOT23 package; the OPA320S shutdown single
version is available in an 6-pin SOT23 package. The
dual OPA2320 is offered in 8-pin SOIC, VSSOP, and
SON packages, and the OPA2320S (dual with
shutdown) in a 10-pin VSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA320
SOT-23 (5)
2.90 mm × 1.60 mm
OPA320S
SOT-23 (6)
2.90 mm × 1.60 mm
OPA2320
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.91 mm
SON (10)
3.00 mm × 3.00 mm
OPA2320S
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - OPA320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA320 TI2-OPA320 Datasheet
998Kb / 36P
OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
REVISED DECEMBER 2018
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI2-OPA320-Q1 Datasheet
998Kb / 36P
OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
REVISED DECEMBER 2018
More results

Similar Description - OPA320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328_V01 Datasheet
1Mb / 27P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED JUNE 2022
OPA328 TI-OPA328 Datasheet
1Mb / 31P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com