Electronic Components Datasheet Search
  English  ▼

X  

OPA322 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA322
Description  OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA322 Datasheet(HTML) 4 Page - Texas Instruments

  OPA322 Datasheet HTML 1Page - Texas Instruments OPA322 Datasheet HTML 2Page - Texas Instruments OPA322 Datasheet HTML 3Page - Texas Instruments OPA322 Datasheet HTML 4Page - Texas Instruments OPA322 Datasheet HTML 5Page - Texas Instruments OPA322 Datasheet HTML 6Page - Texas Instruments OPA322 Datasheet HTML 7Page - Texas Instruments OPA322 Datasheet HTML 8Page - Texas Instruments OPA322 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
1
2
3
6
5
4
V+
SHDN
-
IN
VOUT
V
-
+IN
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
4
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
SBOS538F – JANUARY 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA322: DBV Package
5-Pin SOT-23
Top View
OPA322S: DBV Package
6-Pin SOT-23
Top View
Pin Functions: OPA322, OPA322S
PIN
I/O
DESCRIPTION
NAME
OPA322
OPA322S
SOT-23
SOT-23
–IN
4
4
I
Inverting input
+IN
3
3
I
Noninverting input
OUT
1
1
O
Output
SHDN
—
5
I
Shutdown control (active low)
V–
2
2
—
Negative (lowest) power supply
V+
5
6
—
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com