Electronic Components Datasheet Search
  English  ▼

X  

OPA322 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA322
Description  OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA322 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA322 Datasheet HTML 6Page - Texas Instruments OPA322 Datasheet HTML 7Page - Texas Instruments OPA322 Datasheet HTML 8Page - Texas Instruments OPA322 Datasheet HTML 9Page - Texas Instruments OPA322 Datasheet HTML 10Page - Texas Instruments OPA322 Datasheet HTML 11Page - Texas Instruments OPA322 Datasheet HTML 12Page - Texas Instruments OPA322 Datasheet HTML 13Page - Texas Instruments OPA322 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
10
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
SBOS538F – JANUARY 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At VS = 1.8 V to 5.5 V, or ±0.9 V to ±2.75 V, TA = 25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, VOUT = VS/2, and
SHDN_x = VS+ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Ensured by design and characterization; not production tested.
(3)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
(4)
Full shutdown refers to the dual OPA2322S having both channels A and B disabled (SHDN_A = SHDN_B = VS–) and the quad
OPA4322S having all channels A to D disabled (SHDN_A/B = SHDN_C/D = VS–). For partial shutdown, only one SHDN pin is exercised;
in this mode, the internal biasing and oscillator remain operational and the enable time is shorter.
OUTPUT
VO
Voltage output (swing from
both rails)
RL = 10 kΩ
TA = 25°C
10
20
mV
TA = –40°C to 125°C
30
ISC
Short-circuit current
VS = 5.5 V
±65
mA
CL
Capacitive load drive
See Typical Characteristics
RO
Open-loop output resistance
IO = 0 mA, f = 1 MHz
90
Ω
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
IQ
Quiescent current per
amplifier
OPA322 and OPA322S,
IO = 0 mA, VS = 5.5 V
TA = 25°C
1.6
1.9
mA
TA = –40°C to 125°C
2
OPA2322 and OPA2322S,
IO = 0 mA, VS = 5.5 V
TA = 25°C
1.5
1.75
TA = –40°C to 125°C
1.85
OPA4322 and OPA4322S,
IO = 0 mA, VS = 5.5 V
TA = 25°C
1.4
1.65
TA = –40°C to 125°C
1.75
Power-on time
VS+ = 0 V to 5 V, to 90% IQ level
28
μs
SHUTDOWN(2)
IQSD
Quiescent current
(per amplifier)
VS = 1.8 V to 5.5 V, all amplifiers disabled, SHDN = VS–
0.1
0.5
µA
VIH
High voltage (enabled)
VS = 1.8 V to 5.5 V, amplifier enabled
(V+) – 0.1
V
VIL
Low voltage (disabled)
VS = 1.8 V to 5.5 V, amplifier disabled
(V–) + 0.1
V
tON
Amplifier enable time
(full shutdown)(3)
VS = 1.8 V to 5.5 V, full shutdown; G = 1,
VOUT = 0.9 × VS/2
(4)
10
µs
Amplifier enable time
(partial shutdown)(3)
VS = 1.8 V to 5.5 V, partial shutdown; G = 1,
VOUT = 0.9 × VS/2
(4)
6
µs
tOFF
Amplifier disable time(3)
VS = 1.8 V to 5.5 V, G = 1, VOUT = 0.1 × VS/2
3
µs
SHDN pin input bias current
(per pin)
VS = 1.8 V to 5.5 V, VIH = 5 V
0.13
µA
VS = 1.8 V to 5.5 V, VIL = 0 V
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com