Electronic Components Datasheet Search
  English  ▼

X  

OPA4192IPWR Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA4192IPWR
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim™
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4192IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA4192IPWR Datasheet HTML 19Page - Texas Instruments OPA4192IPWR Datasheet HTML 20Page - Texas Instruments OPA4192IPWR Datasheet HTML 21Page - Texas Instruments OPA4192IPWR Datasheet HTML 22Page - Texas Instruments OPA4192IPWR Datasheet HTML 23Page - Texas Instruments OPA4192IPWR Datasheet HTML 24Page - Texas Instruments OPA4192IPWR Datasheet HTML 25Page - Texas Instruments OPA4192IPWR Datasheet HTML 26Page - Texas Instruments OPA4192IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
t
36-V
Differential
Front End
Slew
Boost
High
Capacitive Load
Compensation
e-trim
Package Level Trim
IN+
IN
VOUT
OPAx192
NCH Input
Stage
PCH Input
Stage
Output
Stage
OPA192, OPA2192, OPA4192
www.ti.com
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
8 Detailed Description
8.1 Overview
The OPAx192 family of operational amplifiers use e-trim, a method of package-level trim for offset and offset
temperature drift implemented during the final steps of manufacturing after the plastic molding process. This
method minimizes the influence of inherent input transistor mismatch, as well as errors induced during package
molding. The trim communication occurs on the output pin of the standard pinout, and after the trim points are
set, further communication to the trim structure is permanently disabled. The Functional Block Diagram section
shows the simplified diagram of the OPA192 with e-trim.
Unlike previous e-trim op amps, the OPAx192 uses a patented two-temperature trim architecture to achieve a
very low offset voltage of 25 µV (max) and low voltage offset drift of 0.5 µV/°C (max) over the full specified
temperature range. This level of precision performance at wide supply voltages makes these amplifiers useful for
high-impedance industrial sensors, filters, and high-voltage data acquisition.
8.2 Functional Block Diagram
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com