Electronic Components Datasheet Search
  English  ▼

X  

OPA4192IPWR Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA4192IPWR
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim™
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4192IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA4192IPWR Datasheet HTML 8Page - Texas Instruments OPA4192IPWR Datasheet HTML 9Page - Texas Instruments OPA4192IPWR Datasheet HTML 10Page - Texas Instruments OPA4192IPWR Datasheet HTML 11Page - Texas Instruments OPA4192IPWR Datasheet HTML 12Page - Texas Instruments OPA4192IPWR Datasheet HTML 13Page - Texas Instruments OPA4192IPWR Datasheet HTML 14Page - Texas Instruments OPA4192IPWR Datasheet HTML 15Page - Texas Instruments OPA4192IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
OPA192, OPA2192, OPA4192
SBOS620E – DECEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
6.9 Typical Characteristics
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1 to Figure 6
Offset Voltage Drift Distribution
Figure 7 to Figure 10
Offset Voltage vs Temperature
Figure 11
Offset Voltage vs Common-Mode Voltage
Figure 12 to Figure 14
Offset Voltage vs Power Supply
Figure 15
Open-Loop Gain and Phase vs Frequency
Figure 16
Closed-Loop Gain and Phase vs Frequency
Figure 17
Input Bias Current vs Common-Mode Voltage
Figure 18
Input Bias Current vs Temperature
Figure 19
Output Voltage Swing vs Output Current (maximum supply)
Figure 20
CMRR and PSRR vs Frequency
Figure 21
CMRR vs Temperature
Figure 22
PSRR vs Temperature
Figure 23
0.1-Hz to 10-Hz Noise
Figure 24
Input Voltage Noise Spectral Density vs Frequency
Figure 25
THD+N Ratio vs Frequency
Figure 26
THD+N vs Output Amplitude
Figure 27
Quiescent Current vs Supply Voltage
Figure 28
Quiescent Current vs Temperature
Figure 29
Open Loop Gain vs Temperature
Figure 30
Open Loop Output Impedance vs Frequency
Figure 31
Small Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 32, Figure 33
No Phase Reversal
Figure 34
Positive Overload Recovery
Figure 35
Negative Overload Recovery
Figure 36
Small-Signal Step Response (100 mV)
Figure 37, Figure 38
Large-Signal Step Response
Figure 39
Settling Time
Figure 40 to Figure 43
Short-Circuit Current vs Temperature
Figure 44
Maximum Output Voltage vs Frequency
Figure 45
Propagation Delay Rising Edge
Figure 46
Propagation Delay Falling Edge
Figure 47
Crosstalk vs Frequency
Figure 48
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com