Electronic Components Datasheet Search
  English  ▼

X  

OPA388 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA388
Description  OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA388 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA388 Datasheet HTML 3Page - Texas Instruments OPA388 Datasheet HTML 4Page - Texas Instruments OPA388 Datasheet HTML 5Page - Texas Instruments OPA388 Datasheet HTML 6Page - Texas Instruments OPA388 Datasheet HTML 7Page - Texas Instruments OPA388 Datasheet HTML 8Page - Texas Instruments OPA388 Datasheet HTML 9Page - Texas Instruments OPA388 Datasheet HTML 10Page - Texas Instruments OPA388 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
6.5 Thermal Information: OPA2388
THERMAL METRIC(1)
OPA2388
UNIT
D (SOIC)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
120.0
165
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.3
53
°C/W
RθJB
Junction-to-board thermal resistance
65.6
87
°C/W
ΨJT
Junction-to-top characterization parameter
9.6
4.9
°C/W
ΨJB
Junction-to-board characterization parameter
64.4
85
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Thermal Information: OPA4388
THERMAL METRIC(1)
OPA4388
UNIT
D (SOIC)
PW (TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
86.4
109.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
46.3
27.4
°C/W
RθJB
Junction-to-board thermal resistance
41.0
56.1
°C/W
ΨJT
Junction-to-top characterization parameter
11.3
1.5
°C/W
ΨJB
Junction-to-board characterization parameter
40.7
54.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.7 Electrical Characteristics: VS = ±1.25 V to ±2.75 V (VS = 2.5 to 5.5 V)
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
OPA388, OPA2388
±0.25
±5
µV
VS = 5.5 V
OPA4388
±2.25
±8
TA = –40°C to +125°C
OPA388, OPA2388
±7.5
TA = –40°C to +125°C, VS = 5.5 V OPA4388
±10.5
dVOS/dT Input offset voltage drift
TA = –40°C to +125°C
OPA388, OPA2388
±0.005
±0.05
µV/°C
TA = –40°C to +125°C, VS = 5.5 V OPA4388
±0.005
±0.05
PSRR
Power-supply rejection
ratio
TA = –40°C to +125°C
OPA388, OPA2388
±0.1
±1
µV/V
OPA4388
±1.25
±3.5
www.ti.com
OPA388, OPA2388, OPA4388
SBOS777D – NOVEMBER 2016 – REVISED JULY 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA388 OPA2388 OPA4388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com