Electronic Components Datasheet Search
  English  ▼

X  

OPA317IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA317IDBVT
Description  OPAx317 Zerø-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA317IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA317IDBVT Datasheet HTML 5Page - Texas Instruments OPA317IDBVT Datasheet HTML 6Page - Texas Instruments OPA317IDBVT Datasheet HTML 7Page - Texas Instruments OPA317IDBVT Datasheet HTML 8Page - Texas Instruments OPA317IDBVT Datasheet HTML 9Page - Texas Instruments OPA317IDBVT Datasheet HTML 10Page - Texas Instruments OPA317IDBVT Datasheet HTML 11Page - Texas Instruments OPA317IDBVT Datasheet HTML 12Page - Texas Instruments OPA317IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
0
0
Time (50 s/div)
m
Input
Output
0
0
Time (50 s/div)
m
Input
Output
Time (50 µs/div)
Time (5 µs/div)
-50
250
200
150
100
50
0
50
100
150
200
-250
-
-
-
-
-25
Temperature (°C)
125
100
75
50
25
0
V = 5.5 V
S
V = 1.8 V
S
–I
B
–I
B
+I
B
+I
B
-50
25
20
15
10
5
0
-25
Temperature (°C)
125
100
75
50
25
0
V = 1.8 V
S
V = 5.5 V
S
9
OPA317, OPA2317, OPA4317
www.ti.com
SBOS682B – MAY 2013 – REVISED JUNE 2016
Product Folder Links: OPA317 OPA2317 OPA4317
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, CL = 0 pF, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Figure 7. Input Bias Current vs Temperature
Figure 8. Quiescent Current vs Temperature
G = 1
RL = 10 kΩ
Figure 9. Large-Signal Step Response
G = 1
RL = 10 kΩ
Figure 10. Small-Signal Step Response
See Figure 18
Figure 11. Positive Overvoltage Recovery
See Figure 18
Figure 12. Negative Overvoltage Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com