Electronic Components Datasheet Search
  English  ▼

X  

OPA365 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA365
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA365 Datasheet(HTML) 2 Page - Texas Instruments

  OPA365 Datasheet HTML 1Page - Texas Instruments OPA365 Datasheet HTML 2Page - Texas Instruments OPA365 Datasheet HTML 3Page - Texas Instruments OPA365 Datasheet HTML 4Page - Texas Instruments OPA365 Datasheet HTML 5Page - Texas Instruments OPA365 Datasheet HTML 6Page - Texas Instruments OPA365 Datasheet HTML 7Page - Texas Instruments OPA365 Datasheet HTML 8Page - Texas Instruments OPA365 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
OPA564
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
PACKAGE MARKING
HSOP-20 (PowerPAD on bottom)
DWP
OPA564
OPA564
HSOP-20 (PowerPAD on top)
DWD
OPA564
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
OPA564
UNIT
Supply Voltage, VS = (V+) – (V–)
+26
V
Voltage(2)
(V
–)–0.4 to (V+)+0.4
V
Signal Input
Current Through ESD Diodes(2)
±10
mA
Terminals
Maximum Differential Voltage Across Inputs(3)
0.5
V
Voltage
(V
–)–0.4 to (V+)+0.4
V
Signal Output
Terminals
Current(4)
±10
mA
Output Short-Circuit(5)
Continuous
Operating Junction Temperature, TJ
–40 to +125
°C
Storage Temperature, TA
–55 to +150
°C
Junction Temperature, TJ
+150
°C
Human Body Model (HBM)
4000
V
ESD Ratings
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Signals that can swing more than 0.4V beyond the supply rails should be
current limited to 10mA or less.
(3)
Refer to Figure 43 for information on input protection. See Input Protection section.
(4)
Output terminals are diode-clamped to the power-supply rails. Input signals forcing the output terminal more than 0.4V beyond the
supply rails should be current limited to 10mA or less.
(5)
Short-circuit to ground within SOA. See Power Dissipation and Safe Operating Area for more information.
2
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com