Electronic Components Datasheet Search
  English  ▼

X  

OPA365 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA365
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA365 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA365 Datasheet HTML 8Page - Texas Instruments OPA365 Datasheet HTML 9Page - Texas Instruments OPA365 Datasheet HTML 10Page - Texas Instruments OPA365 Datasheet HTML 11Page - Texas Instruments OPA365 Datasheet HTML 12Page - Texas Instruments OPA365 Datasheet HTML 13Page - Texas Instruments OPA365 Datasheet HTML 14Page - Texas Instruments OPA365 Datasheet HTML 15Page - Texas Instruments OPA365 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
10k
1k
100
10
1
0.1
0.01
10
100
1k
10k
100k
1M
10M
100M
Frequency(Hz)
I
=0Adc
Gain=1V/V
OUT
50
40
30
20
10
0
10
-
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
Common-ModeVoltage(V
)
CM
Time(100ns/div)
R =10k
R
=100
V
= 6V
W
W
-
F
LOAD
OUT
V
OUT
E/S
V-
0V
V
OUT
CH1:
0V
CH2:
0V
E/S
Time(500 s/div)
m
R
=100 ,G=+1
LOAD
W
V
=1V
IN
R =10k
R
=100
V
= 6V
W
W
-
F
LOAD
OUT
Time(1 s/div)
m
V
OUT
E/S
V-
0V
60
50
40
30
20
10
0
10
20
30
40
-
-
-
-
10k
15k
20k
25k
30k
35k
40k
45k
50k
55k
60k
R
( )
W
SET
Mean
Mean +3
Mean 3
s
- s
OPA564
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TCASE = +25°C, VS = ±12V, RLOAD = 20kΩ to GND, RSET = 7.5kΩ, and E/S pin enabled, unless otherwise noted.
INPUT BIAS CURRENT vs
CLOSED-LOOP OUTPUT IMPEDANCE (No Load)
COMMON-MODE VOLTAGE
Figure 25.
Figure 26.
ENABLE RESPONSE
RLOAD = 100Ω
SHUTDOWN TIME (INVERTING CONFIGURATION)
Figure 27.
Figure 28.
ENABLE TIME (INVERTING CONFIGURATION)
CURRENT LIMIT PERCENT ERROR vs RSET
Figure 29.
Figure 30.
12
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com