Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA625 Datasheet(HTML) 3 Page - Texas Instruments

  OPA625 Datasheet HTML 1Page - Texas Instruments OPA625 Datasheet HTML 2Page - Texas Instruments OPA625 Datasheet HTML 3Page - Texas Instruments OPA625 Datasheet HTML 4Page - Texas Instruments OPA625 Datasheet HTML 5Page - Texas Instruments OPA625 Datasheet HTML 6Page - Texas Instruments OPA625 Datasheet HTML 7Page - Texas Instruments OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
V+
MODE
±IN
OUT
V±
+IN
1
2
3
6
5
4
V+
OUT B
±IN B
+IN B
MODE B
OUT A
±IN A
+IN A
MODE A
V±
1
2
3
4
5
10
9
8
7
6
OPA625, OPA2625
www.ti.com
SBOS688A – APRIL 2015 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
OPA625: DBV Package
OPA2625: DGS Package
6-Pin SOT
10-Pin VSSOP
Top View
Top View
Pin Functions: OPA625
PIN
I/O
DESCRIPTION
NAME
NO
+IN
3
I
Noninverting input
–IN
4
I
Inverting input
Controls OPA625 mode:
V+ = low-power mode
MODE
5
I
V– = high-drive mode
NOTE: Do not float this pin.
OUT
1
O
Output terminal
V+
6
—
Positive supply voltage
V–
2
—
Negative supply voltage
Pin Functions: OPA2625
PIN
I/O
DESCRIPTION
NAME
NO.
+IN A
3
I
Noninverting input for channel A
–IN A
2
I
Inverting input for channel A
+IN B
7
I
Noninverting input for channel B
–IN B
8
I
Inverting input for channel B
Controls OPA2625 mode for channel A:
V+ = low-power mode
MODE A
5
I
V– = high-drive mode
NOTE: Do not float this pin.
Controls OPA2625 mode for channel B:
V+ = low-power mode
MODE B
6
I
V– = high-drive mode
NOTE: Do not float this pin.
OUT A
1
O
Output terminal for channel A
OUT B
9
O
Output terminal for channel B
V+
10
—
Positive supply voltage
V–
4
—
Negative supply voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com