Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA625 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 4Page - Texas Instruments OPA625 Datasheet HTML 5Page - Texas Instruments OPA625 Datasheet HTML 6Page - Texas Instruments OPA625 Datasheet HTML 7Page - Texas Instruments OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments OPA625 Datasheet HTML 10Page - Texas Instruments OPA625 Datasheet HTML 11Page - Texas Instruments OPA625 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
OPA625, OPA2625
SBOS688A – APRIL 2015 – REVISED OCTOBER 2015
www.ti.com
6.7 Electrical Characteristics High-Drive Mode
at TA = +25°C, V+ = 2.7 V, V– = 0 V, VMODE = 0 V, VCOM = VO = 1.35 V, gain (G) = 1, RF = 1 kΩ, CF = 2.7 pF, CLOAD = 20 pF,
and RLOAD = 1 kΩ connected to 1.35 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
Unity gain frequency
VO = 10 mVPP
76
MHz
φm
Phase margin
45
Degrees
GBW
Gain-bandwidth product
G = 100, VO = 10 mVPP
120
MHz
SR
Slew rate
VO = 1-V step, G = 2
45
V/µs
to 0.1%
80
tsettle
Settling time
VO = 1-V step, G = 2
to 0.01%
170
ns
to 0.000763% (17-bit accuracy)
250
Overshoot
VO = 1-V step, G = 2
6%
Undershoot
VO = 1-V step, G = 2
5%
f = 10 kHz
136
(V+) = 3.3 V, (V–) = 0 V,
Second order harmonic
HD2
VCOM = 1.1 V,
f = 100 kHz
118
dBc
Distortion
VO = 2 VPP
f = 1 MHz
80
f = 10 kHz
143
OPA2625 only, f = 10 kHz
143
(V+) = 3.3 V, (V–) = 0 V,
f = 100 kHz
130
Third order harmonic
HD3
VCOM = 1.1 V,
dBc
Distortion
OPA2625 only, f = 100 kHz
125
VO = 2 VPP
f = 1 MHz
85
OPA2625 only, f = 1 MHz
74
Second order inter-
(V+) = 3.3 V, (V–) = 0 V, VCOM = 1.1 V, VO = 2 VPP,
95
dBc
modulation distortion
f = 1 MHz, 200-kHz tone spacing
Third order inter-
(V+) = 3.3 V, (V–) = 0 V, VCOM = 1.1V, VO = 1 VPP,
104
dBc
modulation distortion
f = 1 MHz, 200-kHz tone spacing
f = 0.1 Hz to 10 Hz peak to peak
0.8
µVPP
VN
Input noise voltage
f = 0.1 Hz to 10 Hz rms
120
nVRMS
Input voltage noise
Vn
f = 10 kHz
2.5
nV/
√Hz
density
Input current noise
In
f = 10 kHz
2.8
pA/
√Hz
density
tOR
Overload recovery time
G = 5
35
ns
Open-loop output
Zo
f = 1 MHz
1.3
Ω
impedance
DC
150
Crosstalk
dB
f = 1 MHz
127
DC PERFORMANCE
15
±100
VOS
Input offset voltage
µV
TA = –40°C to +125°C
±300
TA = –40°C to +125°C
0.5
±3.1
dVOS/dT
Input offset voltage drift
µV/°C
OPA2625 only, TA = –40°C to +125°C
0.6
±4
2
4
IB
Input bias current
TA = –40°C to +125°C
5.7
µA
OPA2625 only, TA = –40°C to +125°
6.5
dIB/dT
Input bias current drift
TA = –40°C to +125°C
15
nA/°C
20
120
IOS
Input offset current
TA = –40°C to +125°C
150
nA
OPA2625 only, TA = –40°C to +125°
200
dIOS/dT
Input offset current drift
TA = –40°C to +125°C
80
pA/°C
OPEN-LOOP GAIN
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com