Electronic Components Datasheet Search
  English  ▼

X  

OPA378AIDBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA378AIDBVT
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zerø-Drift Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA378AIDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA378AIDBVT Datasheet HTML 17Page - Texas Instruments OPA378AIDBVT Datasheet HTML 18Page - Texas Instruments OPA378AIDBVT Datasheet HTML 19Page - Texas Instruments OPA378AIDBVT Datasheet HTML 20Page - Texas Instruments OPA378AIDBVT Datasheet HTML 21Page - Texas Instruments OPA378AIDBVT Datasheet HTML 22Page - Texas Instruments OPA378AIDBVT Datasheet HTML 23Page - Texas Instruments OPA378AIDBVT Datasheet HTML 24Page - Texas Instruments OPA378AIDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
OPA2378AIDCNR
SOT-23
DCN
8
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
OPA2378AIDCNRG4
SOT-23
DCN
8
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
OPA2378AIDCNT
SOT-23
DCN
8
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
OPA378AIDBVR
SOT-23
DBV
5
3000
178.0
8.4
3.3
3.2
1.4
4.0
8.0
Q3
OPA378AIDBVT
SOT-23
DBV
5
250
178.0
8.4
3.3
3.2
1.4
4.0
8.0
Q3
OPA378AIDBVTG4
SOT-23
DBV
5
250
178.0
8.4
3.3
3.2
1.4
4.0
8.0
Q3
OPA378AIDCKR
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
OPA378AIDCKRG4
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
OPA378AIDCKT
SC70
DCK
5
250
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com