Electronic Components Datasheet Search
  English  ▼

X  

OPA378AIDBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA378AIDBVT
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zerø-Drift Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA378AIDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA378AIDBVT Datasheet HTML 18Page - Texas Instruments OPA378AIDBVT Datasheet HTML 19Page - Texas Instruments OPA378AIDBVT Datasheet HTML 20Page - Texas Instruments OPA378AIDBVT Datasheet HTML 21Page - Texas Instruments OPA378AIDBVT Datasheet HTML 22Page - Texas Instruments OPA378AIDBVT Datasheet HTML 23Page - Texas Instruments OPA378AIDBVT Datasheet HTML 24Page - Texas Instruments OPA378AIDBVT Datasheet HTML 25Page - Texas Instruments OPA378AIDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
OPA2378AIDCNR
SOT-23
DCN
8
3000
213.0
191.0
35.0
OPA2378AIDCNRG4
SOT-23
DCN
8
3000
213.0
191.0
35.0
OPA2378AIDCNT
SOT-23
DCN
8
250
213.0
191.0
35.0
OPA378AIDBVR
SOT-23
DBV
5
3000
445.0
220.0
345.0
OPA378AIDBVT
SOT-23
DBV
5
250
445.0
220.0
345.0
OPA378AIDBVTG4
SOT-23
DBV
5
250
445.0
220.0
345.0
OPA378AIDCKR
SC70
DCK
5
3000
180.0
180.0
18.0
OPA378AIDCKRG4
SC70
DCK
5
3000
180.0
180.0
18.0
OPA378AIDCKT
SC70
DCK
5
250
180.0
180.0
18.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com