Electronic Components Datasheet Search
  English  ▼

X  

OPA4317IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA4317IPWR
Description  OPAx317 Zerø-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4317IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4317IPWR Datasheet HTML 4Page - Texas Instruments OPA4317IPWR Datasheet HTML 5Page - Texas Instruments OPA4317IPWR Datasheet HTML 6Page - Texas Instruments OPA4317IPWR Datasheet HTML 7Page - Texas Instruments OPA4317IPWR Datasheet HTML 8Page - Texas Instruments OPA4317IPWR Datasheet HTML 9Page - Texas Instruments OPA4317IPWR Datasheet HTML 10Page - Texas Instruments OPA4317IPWR Datasheet HTML 11Page - Texas Instruments OPA4317IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
0
3
2
1
0
-1
-2
-3
1
OutputCurrent(mA)
10
7
8
9
6
5
4
3
2
-
°
40 C
-
°
40 C
-
°
40 C
+25 C
°
+25 C
°
+25 C
°
+125 C
°
+125 C
°
V = 2.75V
±
S
V = 0.9V
±
S
210
205
200
195
190
-190
-195
-200
-205
-210
0
1
2
3
4
5
Common-Mode Voltage (V)
–I
B
+I
B
1
140
120
100
80
60
40
20
0
100k
10k
1k
100
10
Frequency(Hz)
1M
1
120
100
80
60
40
20
0
10k
100k
1k
100
10
Frequency(Hz)
1M
+PSRR
-PSRR
OffsetVoltage( V)
m
10
120
100
80
60
40
20
0
-20
250
200
150
100
50
0
-50
-100
100k
10k
1k
100
Frequency (Hz)
1M
Phase
Gain
8
OPA317, OPA2317, OPA4317
SBOS682B – MAY 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA317 OPA2317 OPA4317
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
At TA = 25°C, CL = 0 pF, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Figure 1. Offset Voltage Production Distribution
Figure 2. Open-Loop Gain vs Frequency
Figure 3. Common-Mode Rejection Ratio vs Frequency
Figure 4. Power-Supply Rejection Ratio vs Frequency
Figure 5. Output Voltage Swing vs Output Current
Figure 6. Input Bias Current vs Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com