Electronic Components Datasheet Search
  English  ▼

X  

OPA4317IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA4317IPWR
Description  OPAx317 Zerø-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4317IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4317IPWR Datasheet HTML 9Page - Texas Instruments OPA4317IPWR Datasheet HTML 10Page - Texas Instruments OPA4317IPWR Datasheet HTML 11Page - Texas Instruments OPA4317IPWR Datasheet HTML 12Page - Texas Instruments OPA4317IPWR Datasheet HTML 13Page - Texas Instruments OPA4317IPWR Datasheet HTML 14Page - Texas Instruments OPA4317IPWR Datasheet HTML 15Page - Texas Instruments OPA4317IPWR Datasheet HTML 16Page - Texas Instruments OPA4317IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
CORE
-IN
+IN
Clamp
10 kW
10 kW
5 kW
Device
10 mA max
5 V
V
IN
V
OUT
I
OVERLOAD
13
OPA317, OPA2317, OPA4317
www.ti.com
SBOS682B – MAY 2013 – REVISED JUNE 2016
Product Folder Links: OPA317 OPA2317 OPA4317
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Input Voltage
The OPA317, OPA2317, and OPA4317 input common-mode voltage range extends 0.1 V beyond the supply
rails. The OPA317 device is designed to cover the full range without the troublesome transition region found in
some other rail-to-rail amplifiers.
Typically, input bias current is about 200 pA; however, input voltages exceeding the power supplies can cause
excessive current to flow into or out of the input pins. Momentary voltages greater than the power supply can be
tolerated if the input current is limited to 10 mA. This limitation is easily accomplished with an input resistor, as
shown in Figure 19.
NOTE: Current limiting resistor required if input voltage exceeds supply rails by
≥ 0.3 V.
Figure 19. Input Current Protection
8.3.3 Input Differential Voltage
The typical input bias current of the OPA317 during normal operation is approximately 200 pA. In overdriven
conditions, the bias current can increase significantly (see Figure 17).The most common cause of an overdriven
condition occurs when the operational amplifier is outside of the linear range of operation. When the output of the
operational amplifier is driven to one of the supply rails, the feedback loop requirements cannot be satisfied, and
a differential input voltage develops across the input pins. This differential input voltage results in activation of
parasitic diodes inside the front-end input chopping switches that combine with 10-kΩ electromagnetic
interference (EMI) filter resistors to create the equivalent circuit shown in Figure 20.
NOTE
The input bias current remains within specification within the linear region.
Figure 20. Equivalent Input Circuit
8.3.4 Internal Offset Correction
The OPA317, OPA2317, and OPA4317 operational amplifiers use an auto-calibration technique with a time-
continuous, 125-kHz operational amplifier in the signal path. This amplifier is zero-corrected every 8 μs using a
proprietary technique. Upon power up, the amplifier requires approximately 100 μs to achieve specified VOS
accuracy. This design has no aliasing or flicker noise.
8.3.5 EMI Susceptibility and Input Filtering
Operational amplifiers vary in susceptibility to EMI. If conducted EMI enters the operational amplifier, the DC
offset observed at the amplifier output may shift from its nominal value while the EMI is present. This shift is a
result of signal rectification associated with the internal semiconductor junctions. While all operational amplifier
pin functions can be affected by EMI, the input pins are likely to be the most susceptible. The OPA317
operational amplifier family incorporates an internal input low-pass filter that reduces the amplifier response to
EMI. Both common-mode and differential mode filtering are provided by the input filter. The filter is designed for a
cutoff frequency of approximately 8 MHz (–3 dB), with a roll-off of 20 dB per decade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com