Electronic Components Datasheet Search
  English  ▼

X  

S-8232 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8232
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8232 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8232 Datasheet HTML 1Page - Seiko Instruments Inc S-8232 Datasheet HTML 2Page - Seiko Instruments Inc S-8232 Datasheet HTML 3Page - Seiko Instruments Inc S-8232 Datasheet HTML 4Page - Seiko Instruments Inc S-8232 Datasheet HTML 5Page - Seiko Instruments Inc S-8232 Datasheet HTML 6Page - Seiko Instruments Inc S-8232 Datasheet HTML 7Page - Seiko Instruments Inc S-8232 Datasheet HTML 8Page - Seiko Instruments Inc S-8232 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Rev.5.4_00
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8232 Series
Seiko Instruments Inc.
1
The 8232 series is a lithium-ion / lithium-polymer
rechargeable battery protection IC incorporating high-
accuracy voltage detection circuit and delay circuit.
The S-8232 series is suitable for 2-cell serial lithium-ion
/ lithium-polymer battery packs.
Features
(1) Internal high-accuracy voltage detection circuit
• Overcharge detection voltage
3.85 V
± 25 mV to 4.60 V ± 25 mV
Applicable in 5 mV step
• Overcharge release voltage
3.60 V
± 50 mV to 4.60 V ± 50 mV
Applicable in 5 mV step
(The overcharge release voltage can be selected within the range where a difference from overcharge
detection voltage is 0 to 0.3 V.)
• Overdischarge detection voltage 1.70 V ± 80 mV to 2.60 V ± 80 mV
Applicable in 50 mV step
• Overdischarge release voltage
1.70 V
± 100 mV to 3.80 V ± 100 mV Applicable in 50 mV step
(The overdischarge release voltage can be selected within the range where a difference from
overdischarge detection voltage is 0 to 1.2 V.)
• Overcurrent detection voltage 1 0.07 V ± 20 mV to 0.30 V ± 20 mV
Applicable in 5 mV step
(2) High input-voltage device : Absolute maximum ratings 18 V.
(3) Wide operating voltage range : 2 to 16 V
(4) The delay time for every detection can be set via an external capacitor.
(Each delay time for Overcharge detection, Overdischarge detection, Overcurrent detection are
“Proportion of hundred to ten to one”.)
(5) Two overcurrent detection levels (Protection for short-circuiting)
(6) Internal auxiliary over voltage detection circuit (Fail-safe for overcharge detection voltage)
(7) Internal charge circuit for 0 V battery (Unavailable is option)
(8) Low current consumption
• Operation mode
7.5
µA typ. 14.2 µA max. (− 40 to + 85 °C)
• Power-down mode 0.2 nA typ. 0.1 µA max. (− 40 to + 85 °C)
(9) Lead-free products
Application
• Lithium-ion rechargeable battery packs
• Lithium- polymer rechargeable battery packs
Package
Package Name
Drawing Code
Package
Tape
Reel
8-Pin TSSOP
FT008-A
FT008-E
FT008-E


Similar Part No. - S-8232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-823 ETC-S-823 Datasheet
7Mb / 18P
toggle switch
logo
ABLIC Inc.
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
Seiko Instruments Inc
S-8230AAD-I6T1U SII-S-8230AAD-I6T1U Datasheet
2Mb / 37P
BATTERY PROTECTION IC
logo
ABLIC Inc.
S-8230AAD-I6T1U ABLIC-S-8230AAD-I6T1U Datasheet
593Kb / 37P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
Seiko Instruments Inc
S-8230AAE-I6T1U SII-S-8230AAE-I6T1U Datasheet
2Mb / 37P
BATTERY PROTECTION IC
More results

Similar Description - S-8232

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8242B SII-S-8242B Datasheet
395Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8213 SII-S8213 Datasheet
524Kb / 28P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8223A SII-S8223A Datasheet
2Mb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com